Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA060W-1A0B Datasheet(PDF) 4 Page - Phihong USA Inc.

Part # PDA060W-1A0B
Description  60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA060W-1A0B Datasheet(HTML) 4 Page - Phihong USA Inc.

  PDA060W-1A0B Datasheet HTML 1Page - Phihong USA Inc. PDA060W-1A0B Datasheet HTML 2Page - Phihong USA Inc. PDA060W-1A0B Datasheet HTML 3Page - Phihong USA Inc. PDA060W-1A0B Datasheet HTML 4Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power Factor vs. Load
Total Harmonic Distortion vs. Load
Lifetime vs. Tc
Efficiency vs. Load (PDA060W-700B)
Temperature Rating
Static Characteristic: Load vs. Input Voltage
Derating Curve: Load vs. Ta
Typical Characteristics
WWW.PHIHONG.COM


Similar Part No. - PDA060W-1A0B

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA060B-1A0B PHIHONG-PDA060B-1A0B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-1A4B PHIHONG-PDA060B-1A4B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-1A6B PHIHONG-PDA060B-1A6B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
   60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA060B-2A0B PHIHONG-PDA060B-2A0B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results

Similar Description - PDA060W-1A0B

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
   60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA100W-700GD PHIHONG-PDA100W-700GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
   40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
Phihong USA Inc.
PDA075W-T700G PHIHONG-PDA075W-T700G Datasheet
167Kb / 4P
   75W LED Driver with 3 Channel Constant Current Outputs 0-10V Dimming LED Power Supply
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com