Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA060B-1A4B Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA060B-1A4B
Description  60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA060B-1A4B Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA060B-1A4B Datasheet HTML 1Page - Phihong USA Inc. PDA060B-1A4B Datasheet HTML 2Page - Phihong USA Inc. PDA060B-1A4B Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDA060B Specifications
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90VAC to 305VAC
AC Input Voltage Rating
120VAC to 277VAC
AC Input Frequency
47~63Hz
Maximum Input Current
≤ 0.9A
Leakage Current
250μA maximum
Power Factor
≥ 0.9
THD
Less than 20%
OUTPUT:
Efficiency
Model
Typical Efficiency
PDA060B-700B
91%
PDA060B-1A0B
91%
PDA060B-1A4B
91%
PDA060B-1A6B
91%
PDA060B-2A0B
91%
Environmental:
Temperature
Operation
-40 to +50°C
Non-operation
-40 to +80°C
Operating Humidity
20 to 95%
EMC
FCC 47 Part 18 Class B
Immunity
IEC61000-4-2
IEC61000-4-4
IEC61000-4-5
IEC61000-4-11
Dielectric Withstand (Hi-pot) Test
Primary to secondary: 3000VAC for 1 minute, 10mA
Insulation Resistance
Primary to secondary: >10M Ohm 500VDC, 1 Minute
FEATURES:
Short-Circuit Protection
The PSU will withstand a short circuit across the
outputs without damage
Input Over Current Protection
The input power line will be fused with a 2A/300V fuse
Output Over-voltage Protection
Auto shutdown
Input / Output Connections
Position
Terminal Color
Specification
Input
Black
AWG16 Solid Wire
White
AWG16 Solid Wire
Output
Red
AWG18 Solid Wire
Blue
AWG18 Solid Wire
Warranty
5 Years


Similar Part No. - PDA060B-1A4B

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
   60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA060B-48VB PHIHONG-PDA060B-48VB Datasheet
204Kb / 3P
   60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
More results

Similar Description - PDA060B-1A4B

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
   60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
   40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040B-24VB PHIHONG-PDA040B-24VB Datasheet
232Kb / 2P
   40W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA041B-700B PHIHONG-PDA041B-700B Datasheet
138Kb / 2P
   40WConstant Current LED Driver Waterproof LED Driver Non-Dimming
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
logo
Phihong USA Inc.
PDA041B-24VB PHIHONG-PDA041B-24VB Datasheet
137Kb / 2P
   40WConstant Voltage LED Driver Waterproof LED Driver Non-Dimming
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
Phihong USA Inc.
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com