Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA20N60C2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPA20N60C2
Description  Cool MOS??Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA20N60C2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPA20N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 9Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 10Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 11Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2002-08-12
Page 8
SPP20N60C2, SPB20N60C2
SPA20N60C2
Final data
13 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-1
10
0
10
1
10
2
10
A
SPP20N60C2
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
14 Typ. switching time
t = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=3.6Ω
0
5
10
15
20
25
30
35
40
A
50
ID
0
10
1
10
2
10
3
10
ns
tr
td(off)
td(on)
tf
15 Typ. switching time
t = f (RG), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, ID=20A
0
5
10
15
20
25
30
40
RG
0
10
1
10
2
10
3
10
ns
td(off)
td(on)
tr
tf
16 Typ. switching losses1)
E = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=3.6Ω
0
5
10
15
20
25
30
35
A
45
ID
0
0.2
0.4
0.6
0.8
1
1.2
mWs
1.6
*) Eon includes SDP06S60 diode
commutation losses.
1This chart helps to estimate
the switching power losses.
The values can be different
under other operating conditions.
Eon*
Eoff


Similar Part No. - SPA20N60C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA20N60C3 INFINEON-SPA20N60C3 Datasheet
314Kb / 14P
   Cool MOS Power Transistor
2003-10-08
SPA20N60C3 INFINEON-SPA20N60C3 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
logo
Inchange Semiconductor ...
SPA20N60C3 ISC-SPA20N60C3 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPA20N60CFD INFINEON-SPA20N60CFD Datasheet
293Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
SPA20N60CFD INFINEON-SPA20N60CFD Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
More results

Similar Description - SPA20N60C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com