Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA050W-450G Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA050W-450G
Description  50W LED Driver with 4 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA050W-450G Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA050W-450G Datasheet HTML 1Page - Phihong USA Inc. PDA050W-450G Datasheet HTML 2Page - Phihong USA Inc. PDA050W-450G Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDA050W Multi-Channel Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage
108 to 304V AC
Nominal AC Input Voltage
120~277VAC
Leakage Current
<3.5mA at 277VAC – Case to Ground
<0.25mA at 277VAC – Outputs to Ground
Maximum Input Current
0.55A (RMS) at 108VAC, 60Hz
AC Inrush Current
<30A at 277VAC, 60Hz
OUTPUT:
Total Output Power
Maximum output should be <52W
Efficiency
>82% at 120VAC, >84% at 277VAC
Standby Power
<2.5W maximum
Power Factor
≥0.9 at nominal input voltage, full load
Ripple (CH1~CH4)
240mA p-p
Turn on/off Time
0.5 seconds maximum at nominal AC input
ENVIRONMENTAL:
Operating Temperature
0 to +50°C
Storage Temperature
-40 to +85°C
Operating Humidity
10 to 95%
Storage Humidity
5 to 95%
Case Temperature
Case may not exceed 70°C at ambient 50°C
Dimming
Dimming
Min.
Typ.
Max.
Remarks
Dim Voltage-1
-
-
1V
Cut off Current at 1.V
Dim. Voltage
Dim Voltage-2
-
-
1.2V
Output Current ≤14mA
Dim Voltage-3
-
5.5V
-
Driver shall provide
95mA ± 10% Current
Dim Voltage-4
-
-
10V
Driver 10V shall
provide 100% Output
(453mA ± 5%)
Sink Current
-
-
1mA
100% brightness without dimmer: Open state for dimming port
EMC
FCC 47 Part 15 Class A
Immunity
EN61000-4-2
Criteria B
EN61000-4-3
EN61000-4-4
EN61000-4-5
Criteria B
EN61000-4-6
EN61000-4-8
EN61000-4-11
EN61000-3-2
Class C
Isolation Test
Primary to Secondary: 3000VAC, <5mA, 1 minute
Insulation Resistance
Primary to Secondary: 500VDC, >5M ohm, 1 minute
FEATURES:
Input Over Current Protection
The input power line will be fused with a 2A/300V fuse resistor
Short Circuit Protection
Auto restart without damage
Output Overvoltage Protection
Auto shut down
Open Circuit Protection
Once the circuit is opened, the output voltage should be less
than 140% at nominal AC input conditions
Open Temperature Protection
Wires
Input
Gauge
Length
Black (live)
UL1316 AWG18
453mm
White (neutral)
UL1316 AWG18
453mm
Ground
Green/Yellow (GND)
UL1316 AWG18
220mm
Output
Red (LED CH1~4+)
UL1569 AWG22
76mm
Black (GND CH1~4-)
UL1569 AWG22
76mm
Dimming
Violet (Dimmer +)
UL1316 AWG18
127mm
Gray (Dimmer-)
UL1316 AWG18
127mm
Output Connector
Molex 8 pin p/n – 09-50-1081 mate p/n – 09-65-2088
Ingression Protection
IP65
Warranty
5 Years


Similar Part No. - PDA050W-450G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006A-1A0B PHIHONG-PDA006A-1A0B Datasheet
131Kb / 2P
   6W Constant Current LED Driver PDA006A Waterproof LED Power Supply
PDA006A-1A0B-R PHIHONG-PDA006A-1A0B-R Datasheet
131Kb / 2P
   6W Constant Current LED Driver Waterproof LED Power Supply
PDA006A-1A0B-R PHIHONG-PDA006A-1A0B-R Datasheet
131Kb / 2P
   6W Constant Current LED Driver PDA006A Waterproof LED Power Supply
PDA006A-1A0S-R PHIHONG-PDA006A-1A0S-R Datasheet
138Kb / 2P
   6W Adapter Style Constant Current LED Driver
PDA006A-350B-R PHIHONG-PDA006A-350B-R Datasheet
131Kb / 2P
   6W Constant Current LED Driver Waterproof LED Power Supply
More results

Similar Description - PDA050W-450G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA037W-350G PHIHONG-PDA037W-350G Datasheet
224Kb / 4P
   37W LED Driver with 4 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA026W-D350G PHIHONG-PDA026W-D350G Datasheet
146Kb / 3P
   26W LED Driver with 2 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA038W-T350G PHIHONG-PDA038W-T350G Datasheet
185Kb / 4P
   36W LED Driver with 3 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA075W-T700G PHIHONG-PDA075W-T700G Datasheet
167Kb / 4P
   75W LED Driver with 3 Channel Constant Current Outputs 0-10V Dimming LED Power Supply
PDA100W-700GD PHIHONG-PDA100W-700GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
LinkCom Manufacturing C...
TRI030U212CAN0 LINKCOM-TRI030U212CAN0 Datasheet
496Kb / 4P
   LED Power Supply With TRIAC and 0-10V Dimming
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com