Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PDA030B-700C Datasheet(PDF) 2 Page - Phihong USA Inc.

Part No. PDA030B-700C
Description  30W LED Driver with Constant Current 700mA LED Power Supply for General Lighting
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHIHONG [Phihong USA Inc.]
Homepage  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA030B-700C Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA030B-700C Datasheet HTML 1Page - Phihong USA Inc. PDA030B-700C Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PDA030B-700C Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage
90 to 132VAC
Nominal AC Input Voltage
100 to 127VAC
Leakage Current
0.5mA maximum
Maximum Input Current
≤0.5A at 100VAC
AC Inrush Current
≤20A at full load, 120VAC
OUTPUT:
Total Output Power
30W Typical
Efficiency
82% minimum
Power Factor
≥0.95 with full load
Ripple
<1A
ENVIRONMENTAL:
Operating Temperature
-20 to +50°C
Storage Temperature
-40 to +85°C
Operating Humidity
10 to 95%
Storage Humidity
05 to 95%
Warranty
3 Years
Lifetime
20K Hours
EMC
EN55015, FCC 47 Part 18, EN55022 Class B
Immunity
IEC61000-4-2
IEC61000-4-5
IEC61000-3-2 Class C
IEC61000-3-3
Isolation Test
Primary to secondary: 3230VAC for 1 minute,
10mA
Insulation Resistance
Primary to secondary: >5M OHM 500VDC, 1
minute
FEATURES:
Input Over Current Protection
Input power line fused with 1.6A fuse
Short Circuit
Will withstand short circuit without damage
Output Overvoltage Protection
Protected (latched) from over voltage at nominal
AC input.
Open Circuit Protection
Once circuit is opened, output will not be damaged
at nominal AC input conditions
Input / Output Connection
2-pin terminal block
Input / Output Wires (Solid or Stranded)
Position Terminal Color
Specification
Line
Brown
AWG10~24
Neutral
Blue
AWG10~24
Vout+
Red
AWG10~24
Vout-
Black
AWG10~24
Ingression Protection
IP20
Dimension Diagram Unit:mm


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn