Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PDA030B-700C Datasheet(PDF) 1 Page - Phihong USA Inc.

Part No. PDA030B-700C
Description  30W LED Driver with Constant Current 700mA LED Power Supply for General Lighting
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHIHONG [Phihong USA Inc.]
Homepage  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA030B-700C Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA030B-700C Datasheet HTML 1Page - Phihong USA Inc. PDA030B-700C Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 11/28/2011
WWW.PHIHONG.COM
30W LED Driver with Constant Current 700mA
PDA030B LED Power Supply for General Lighting
Features
 Constant Current
 UL8750 Compliant
 SELV Compliant
 Brownout/Brownout Recovery
 Low Profile design
 OVP, OCP, Short/Open Circuit Protection
 IP20 Rating
 Wide Operating Temperature Range
Applications
 General Lighting
 Indoor Lighting
Safety Approvals
 cUL/UL
 PSE
Mechanical Characteristics
 Length: 130mm (5.1in)
 Height: 21mm (0.8in)
 Width: 40mm (1.6in)
 Weight: 120g (4.2oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output Voltage Range
Output Current Range
Max
Power
Min.
Typ.
Max.
Min.
Typ.
Max.
PDA030B-700C
15V
-
42V
650mA
700mA
750mA 31.5W


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn