Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA025H-520A-H Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA025H-520A-H
Description  25W Triac Dimmable Constant Current LED Driver Residential LED Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA025H-520A-H Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA025H-520A-H Datasheet HTML 1Page - Phihong USA Inc. PDA025H-520A-H Datasheet HTML 2Page - Phihong USA Inc. PDA025H-520A-H Datasheet HTML 3Page - Phihong USA Inc. PDA025H-520A-H Datasheet HTML 4Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDA025H Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
108~132VAC
AC Input Voltage Rating
120VAC
AC Input Frequency
47~63 Hz
Maximum Input Current
≤ 0.5A
Leakage Current
0.5mA maximum
Power Factor
≥ 0.9
THD
<20%
OUTPUT:
Output Current Ripple
≦30%
Efficiency
Model
Typical Efficiency
PDA025H-350A
84%
PDA025H-520A
83%
PDA025H-700A
83%
PDA025H-1A0A
82%
Environmental:
Temperature
Operation Tc
-20 to 90°C
Non-operation
-40 to +85°C
Operating Humidity
10 to 95%
EMC
FCC 55047 Part 15
Immunity
IEC61000-4-2
IEC61000-4-5
D
ielectric Withstand (Hi-pot)
Primary to secondary: 3000VAC for 1 minute, 10mA
Over Temperature Protection
Auto-recovery
Short-Circuit Protection
Auto Restart
Output Over-voltage Protection
Auto Recovery
Input / Output Connections
Warranty
3 years
Dimesion Diagram unit: mm
Position
Terminal
Color
Specification
Length
Input
Black
AWG18 Stranded Wire
170mm
White
AWG18 Stranded Wire
170mm
Output
Red
AWG18 Stranded Wire
170mm
Black
AWG18 Stranded Wire
170mm


Similar Part No. - PDA025H-520A-H

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA024A-1A0S-R PHIHONG-PDA024A-1A0S-R Datasheet
177Kb / 2P
   24W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply
PDA024A-1A5S-R PHIHONG-PDA024A-1A5S-R Datasheet
177Kb / 2P
   24W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply
PDA024A-700S-R PHIHONG-PDA024A-700S-R Datasheet
177Kb / 2P
   24W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply
PDA026B-D350G PHIHONG-PDA026B-D350G Datasheet
122Kb / 3P
   26W LED Driver with 2 Channel Constant Current Outputs LED Power Supply for Commercial Lighting
PDA026W-D350G PHIHONG-PDA026W-D350G Datasheet
146Kb / 3P
   26W LED Driver with 2 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
More results

Similar Description - PDA025H-520A-H

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA015N-350B-R PHIHONG-PDA015N-350B-R Datasheet
272Kb / 3P
   15W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
PDA010N-350B-R PHIHONG-PDA010N-350B-R Datasheet
272Kb / 3P
   10W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
logo
Maxic Technology Corpor...
MT7893 MAXIC-MT7893 Datasheet
141Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
MT7897 MAXIC-MT7897 Datasheet
146Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
logo
TE Connectivity Ltd
SSL-25W TEC-SSL-25W Datasheet
604Kb / 2P
   25W Triac Dimmable LED Driver
logo
Maxic Technology Corpor...
MT7890 MAXIC-MT7890 Datasheet
140Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
MT7898 MAXIC-MT7898 Datasheet
321Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
MT7896 MAXIC-MT7896 Datasheet
146Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
MT7755 MAXIC-MT7755 Datasheet
426Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
logo
Vitec Power
ILPA25JUD Vitec-ILPA25JUD Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com