Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP15P10P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPP15P10P
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP15P10P Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPP15P10P Datasheet HTML 1Page - Infineon Technologies AG SPP15P10P Datasheet HTML 2Page - Infineon Technologies AG SPP15P10P Datasheet HTML 3Page - Infineon Technologies AG SPP15P10P Datasheet HTML 4Page - Infineon Technologies AG SPP15P10P Datasheet HTML 5Page - Infineon Technologies AG SPP15P10P Datasheet HTML 6Page - Infineon Technologies AG SPP15P10P Datasheet HTML 7Page - Infineon Technologies AG SPP15P10P Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002-07-26
Page 3
Preliminary data
SPP15P10P
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
|VDS|≥ 2*|ID|*RDS(on)max
ID=-10.7A
4.7
9.3
-
S
Input capacitance
Ciss
VGS=0, VDS=-25V,
f=1MHz
-
944
1180
pF
Output capacitance
Coss
-
226
283
Reverse transfer capacitance
Crss
-
91
114
Turn-on delay time
td(on)
VDD=-50V, VGS=-10V,
ID=-15A, RG=6Ω
-
8.9
13.4
ns
Rise time
tr
-
30
45
Turn-off delay time
td(off)
-
35
53
Fall time
tf
-
22
33
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=-80V, ID=-15A
-
-4.5
-6.7
nC
Gate to drain charge
Qgd
-
-15.3
-23
Gate charge total
Qg
VDD=-80V, ID=-15A,
VGS=0 to -10V
-
-33.4
-50
Gate plateau voltage
V(plateau) VDD=-80V, ID=-15A
-
-5.7
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
-15
A
Inv. diode direct current, pulsed ISM
-
-
-60
Inverse diode forward voltage
VSD
VGS=0, |IF| = |IS|
-
-0.94
-1.35
V
Reverse recovery time
trr
VR=-50V, |IF| = |IS|,
diF/dt=100A/µs
-
100
150
ns
Reverse recovery charge
Qrr
-
419
628
nC


Similar Part No. - SPP15P10P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP15P10P INFINEON-SPP15P10P Datasheet
640Kb / 10P
   SIPMOS짰 Small-Signal-Transistor Features P-Channel Enhancement mode
Rev 1.6 2009-08-25
logo
Inchange Semiconductor ...
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
   P-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP15P10PG INFINEON-SPP15P10PG Datasheet
640Kb / 10P
   SIPMOS짰 Small-Signal-Transistor Features P-Channel Enhancement mode
Rev 1.6 2009-08-25
SPP15P10PG INFINEON-SPP15P10PG Datasheet
737Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.8 2012-09-11
SPP15P10PH INFINEON-SPP15P10PH Datasheet
829Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.7 2011-09-01
More results

Similar Description - SPP15P10P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com