Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CO-432_452 Datasheet(PDF) 2 Page - Vectron International, Inc

Part No. CO-432_452
Description  ECL/PECL Clock Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

CO-432_452 Datasheet(HTML) 2 Page - Vectron International, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 1997-2009 by Vectron International, Inc., A Dover Company.
Vectron International's Terms and Conditions.
The most recent change to this page occurred 02/11/2009
SCREEN TESTING OF ABOVE MODELS
SCREEN TEST
MIL-STD-883
METHOD
Standard
Options
CLASS
X
CLASS
D
CLASS
B
CLASS
S
Stabilization Bake
(150°C)
X
X
X
Class
S
screen
test
requirements
include
24
hour additional bake-out, 80
hour
additional
burn-in,
thermal shock, PIND test
and radiographic inspection
in
addition
to
Class
B
Screening. Has major cost
impact.
Seal Test
(Gross and Fine)
1014, Cond A2
X
X
X
Temperature Cycling
(Thermal Shock)
1010, Cond B
X
X
Burn-in, operating
160 hours @125°C
X
X
Acceleration
(5000g in Y1 axis)
2001, Cond A
X
top of page
Dimension in inches
Pinouts
Pin
7
8
14
Other
Function
Supply (-)
Output
OV, case
*N/C
* Unlisted pins may be used internally
#For external tuning, "E" accuracy, connect variable capacitor with nominal range of 5-30 pF from pin 2 to pin 3.
top of page
Page 2 of 2
Vectron Products - ECL/PECL Clock Oscillators - CO-432, CO-452
3/11/2009
http://www.vectron.com/products/xo/CO-432_452.htm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn