Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CO-432_452 Datasheet(PDF) 1 Page - Vectron International, Inc

Part No. CO-432_452
Description  ECL/PECL Clock Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

CO-432_452 Datasheet(HTML) 1 Page - Vectron International, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Helping Customers Innovate, Improve & Grow
Search
XOs >
CO-432/452
CO-432/452 ECL/PECL Clock Oscillators
Features:
Frequencies from 5 MHz to 200 MHz
Low Profile 14 Pin Dip
10K, 10KH, 100K, ECLinPS, 10E/EL and 100E/EL Logic
CO431 Available as QPL to MIL-0-55310/25B
SPECIFICATIONS
Part
CO-432
CO-452
Series
14 Pin Dip
Frequency
5 MHz-200 MHz
Output
Output taken directly from 10K, 10KH, ECLinPS or
ECLinPS Lite gate, depending on temperature and
frequency
range.
Complementary
outputs
optional.
Output taken directly from 100K, ECLinPS or
ECLinPS Lite gate, depending on temperature
and frequency range. Complementary outputs
optional.
Supply
-5.2 Vdc ± 5%
<45 mA to 110 MHz
<70 mA above 110 MHz
-4.5 Vdc±5% at <60 mA
Accuracy
(at 25°C)
CO-432C: ±25 ppm
CO-452C: ±25 ppm
Temperature Stability
Improved accuracy/stability available on some
models. For example, for ±7 ppm over 0°C to +50°
C
and
for
±10ppm
over
0°C
to
+70°C.
Improvement
is
also
available
over
wider
temperature ranges. Please contact factory.
STANDARD:
0°C
to +70°C:
±25 ppm
Option 1:
-55°C
to +85°C:
±50 ppm
Option 2:
-55°C
to +125°C:
±50 ppm
Option 5:
0°C
to +50°C:
±5 ppm
Option 6:
0°C
to +50°C:
±10 ppm
*Option 7:
-55°C
to +125°C:
±100 ppm
*-1,-2,-7 restricted to -30/+85°C above 110 MHz in CO-233ME
Aging Rate
(typical after 30 days)
3 ppm first year
2 ppm/year thereafter
3 ppm first year
<2 ppm/year thereafter
top of page
Page 1 of 2
Vectron Products - ECL/PECL Clock Oscillators - CO-432, CO-452
3/11/2009
http://www.vectron.com/products/xo/CO-432_452.htm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn