Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBC84620 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SBC84620
Description  Low power fanless AMD LX800 processor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SBC84620 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SBC84620_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
124
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Features
COM 1
COM 3
COM 2/4
SBC84620
AMD LX800 3.5" Embedded SBC with Dual
LANs, 4 COM, 4 USB 2.0 and VGA/TTL
(-40°C ~ +85°C)
Low power fanless AMD LX800 processor
Dual 10/100 Mbps Ethernet
4 COM ports and 4 USB 2.0 ports
PC/104 and MiniPCI slots for expansion
VGA and TTL LCD
Wide range temperature support
I/O
Ordering Information
Packing List
System
MIO
1 x IDE; PATA-100
1 x FDD
1 x PS/2 keyboard and mouse
1 x RS-232/422/485 (COM 1); with +5V/+12V powered
3 x RS-232 (COM 2/3/4); with +5V/+12V powered
1 x LPT; with SPP/EPP/ECP supported
SATA
N/A
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
2 ports as 10/100Mbps support Wake-on-LAN, RPL/PXE
Boot ROM with Realtek RTL8139DL
Audio
AC'97 Codec audio as MIC-in / Line-in/ Line-out/
Speaker-out with Realtek ALC203
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
Refer to ordering information
Standard
Models
CPU
LCD
LAN
Audio COM PC/104 D I/O
SBC84620
VEEA-500
(P/N: E384620100)
LX800
500 MHz
VGA/TTL
2
Yes
4
Yes
8-In and
8-out
SBC84620
VEA-500
(P/N: E384620101)
LX800
500 MHz
VGA/TTL
1
Yes
4
Yes
8-In and
8-out
SBC84620
VEE-500
(P/N: E384620102)
LX800
500 MHz
VGA/TTL
2
N/A
2
N/A
3-In and
5-out
Optional
Models
CPU
LCD
LAN
Audio COM PC/104 D I/O
W.T.
SBC84620
VEE-500
(P/N: E384620114)
LX800
500 MHz
VGA/TTL
2
N/A
2
N/A
3-In and
5-out
-25°C~
+70°C
SBC84620
VEEA-500
(P/N: E384620113)
LX800
500 MHz
VGA/TTL
2
Yes
4
Yes
8-In and
8-out
-25°C~
+70°C
* W.T.: Wide Temperature
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
SBC84620
VEEA-500
SBC84620
VEA-500
SBC84620
VEE-500
Qty
Qty
Qty
59484500010E
44-44-40 pin IDE cable
1
1
1
59402010000E
ATX power cable 10P
1
1
1
59384500000E
COM + printer cable
1
1
59384500100E
Audio cable w/ bracket
1
1
59382631000E
2 x USB 2.0 wafer cable
1
1
1
59380000300E
COM port x 2 w/ bracket
1
1
59380010300E
COM port x 1 w/ bracket
1
CPU
AMD LX800 processor onboard
System Memory
1 x 200-pin SO-DIMM supports DDR-333/400 max.
up to 1 GB
Chipset
AMD CS5536AD
BIOS
Phoenix-Award
SSD
1 x CompactFlash™ type-II
Board Unique ID
Board unique ID (optional)
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Mini PCI
1 x PC/104 for 16-bit ISA bus
Battery
Lithium 3V/196 mAH
Power Input
2 x 5-pin connector
+5V DC-in only (+12V is required for +12V powered COM
and LVDS inverter)
AT Auto Power ON function supported
Power Requirements
AMD LX800 @ 500 MHz, 1 GB DDR
Max. RMS: +5VSB @ 98mA, +5V @ 1.295A, +12V @ 21mA,
-12V @ 21mA
Size
146 x 104 mm
Board Thickness
1.6 mm
Operating
Standard: 0°C ~ +60°C (32°F ~ 140°F)
Temperature
Optional: -40°C ~ +85°C (-40°F ~ +185°F)
-25°C ~ +70°C (-13°F ~ +158°F)
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Rear view
Top view
DDR SO-DIMM
CF type-II
FDD
VGA
Ethernet
Power conn.
LVDS
MiniPCI
USB 2.0 3/4
LPT
Audio
Battery
D I/O
SMBus
PC/104
IDE
PS/2 K/B+M/S
USB 2.0 1/2
Ethernet
Display
Chipset
AMD LX intergrated
Memory Size
Max. up to 254 MB
Display Interface
1 x VGA
1 x TTL LCD; max. up to 24-bit
Low Power
Fanless
Ext. Temp


Similar Part No. - SBC84620_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC84620 AXIOMTEK-SBC84620_17 Datasheet
263Kb / 1P
   3.5 Embedded SBC with AMD LX800, Dual LANs, 4 COM, 4 USB 2.0 and VGA/TTL
More results

Similar Description - SBC84620_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX12260 AXIOMTEK-AX12260 Datasheet
203Kb / 1P
   Low power fanless AMD LX800 processor
SBC84621 AXIOMTEK-SBC84621_16 Datasheet
273Kb / 1P
   Low power fanless AMD LX800 processor
SBC84622 AXIOMTEK-SBC84622_16 Datasheet
273Kb / 1P
   Low power fanless AMD LX800 processor
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
NA100 AXIOMTEK-NA100 Datasheet
322Kb / 1P
   Ultra low power AMD Geode LX800 processor
logo
Advantech Co., Ltd.
PPC-L61T ADVANTECH-PPC-L61T Datasheet
398Kb / 2P
   6.5 Fanless Panel PC with AMD Geode??LX800 Processor
logo
AAEON Technology
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
logo
Axiomtek Co., Ltd.
EBOX745-FL500 AXIOMTEK-EBOX745-FL500_17 Datasheet
349Kb / 1P
   Fanless Embedded System with AMD Geode LX800 500 MHz Processor
logo
AAEON Technology
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
AEC-6811 AAEON-AEC-6811 Datasheet
536Kb / 2P
   Fanless Embedded Controller With AMD Geode LX800
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com