Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPP07N65C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. SPP07N65C3
Description  Cool MOS™ Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SPP07N65C3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2004-04-07
Rev. 1.0
Page 6
SPP07N65C3, SPI07N65C3
SPA07N65C3
5 Transient thermal impedance
ZthJC = f (tp)
parameter: D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-1
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
6 Transient thermal impedance FullPAK
ZthJC = f (tp)
parameter: D = tp/t
10
-7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1
10
1
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
7 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
5
10
15
VDS
25
V
0
4
8
12
16
A
24
4,5V
5V
5,5V
6V
6,5V
7V
20V
10V
8V
8 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
2
4
6
8 10 12 14 16 18 20 22
V 25
VDS
0
1
2
3
4
5
6
7
8
9
10
11
A
13
4V
4.5V
5V
5.5V
6V
20V
8V
6.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPN03N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60CFDCool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN03N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN04N60C2Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP08N50C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW17N80C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn