Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5P234C Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT5P234C
Description  Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT5P234C Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT5P234C Datasheet HTML 1Page - Isahaya Electronics Corporation RT5P234C Datasheet HTML 2Page - Isahaya Electronics Corporation RT5P234C Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RT5P234C
Transistor With Resistor
For Switching Application
Silicon PNP Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
RT5P234C is a one chip transistor with built-in bias
resistor, NPN type is RT5N234C.
FEATURE
Built-in bias resistor (R1=2.2kΩ, R2=10kΩ)
High collector current (Ic=-0.5A)
Mini package for easy mounting
APPLICATION
Inverted circuit, Switching circuit, Interface circuit,
Driver circuit
OUTLINE DRAWING
Unit: mm
MAXIMUM RATING (Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
-50
V
VEBO
Emitter to Base voltage
-5
V
VIN
Input voltage
-12
V
VCEO
Collector to Emitter voltage
-50
V
IC
Collector current
-500
mA
PC
Collector dissipation(Ta=25℃)
200
mW
Tj
Junction temperature
150
Tstg
Storage temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃)
SYMBOL
PARAMETER
TEST CONDITION
LIMIT
UNIT
MIN
TYP
MAX
V I(on)
Input on voltage
VCE=-0.3V,IC=-20mA
-2.0
V
V I(off)
Input off voltage
VCE=-5V,IC=-100µA
-0.3
V
VCE(sat)
C to E saturation voltage
IC=-50mA,IB=-2.5mA
-0.1
-0.3
V
IBE
B to E current
VBE=-5V
-3.6
mA
ICES
Collector cut off current
VCE=-50V,VBE=0V
-0.5
μ
A
GI
DC forward current gain
VCE=-5V,IC=-50mA
56
R1
Input resistor
1.54
2.2
2.86
R2/R1
Resistor ratio
3.6
4.5
5.5
fT
Gain band width product
VCE=-10V,IE=5mA,f=100MHz
150
MHz
MARKING
P 7
.
0.65
1.5
0.65
2.8
JEITA:SC-59
JEDEC:Similar to TO-236
Terminal Connector
①:BASE
②:EMITTER
③:COLLECTOR
C
(OUT)
E
(GND)
B
(IN)
R1
R2


Similar Part No. - RT5P234C

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT5P230C ISAHAYA-RT5P230C Datasheet
126Kb / 3P
   Transistor With Resistor
RT5P231C ISAHAYA-RT5P231C Datasheet
157Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
More results

Similar Description - RT5P234C

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1P431X ISAHAYA-RT1P431X Datasheet
64Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
RT1P436X ISAHAYA-RT1P436X Datasheet
54Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
RT1P432X ISAHAYA-RT1P432X Datasheet
64Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
RT1P430X ISAHAYA-RT1P430X Datasheet
63Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
logo
List of Unclassifed Man...
RT1P137L ETC-RT1P137L Datasheet
142Kb / 3P
   TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
RT5P231C ISAHAYA-RT5P231C Datasheet
157Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
RT5P431S ISAHAYA-RT5P431S Datasheet
153Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
RT1P440X ISAHAYA-RT1P440X Datasheet
63Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
RT1P434X ISAHAYA-RT1P434X Datasheet
64Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
RT5P431C ISAHAYA-RT5P431C Datasheet
154Kb / 3P
   Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com