Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX83241-24B Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EX83241-24B
Description  IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX83241-24B Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EX83241-24B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX83241-24B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX83241-24B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX83241-24B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX83241-24B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX83241-24B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EX83000 Series
www.EtherWAN.com
3
rev. A2
Hardware Specifications
Technology
Standards
•IEEE802.3, 10BASE-T
•IEEE802.3u 100BASE-TX/100BASE-FX
•IEEE802.3ab 1000BASE-T
•IEEE802.3z 1000BASE-SX/1000BASE-LX
•IEEE802.3x Full duplex and flow control
•IEEE802.1p QoS
•IEEE802.1Q Tag VLANs
•IEEE802.1w RSTP
•IEEE802.1x Port-based Network Access Control
ForwardandFilteringRate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
•1,488,100pps for 1000Mbps
PacketBufferMemory
•2M bits
ProcessingType
•Store-and-Forward
•Auto Negotiation
•Half-duplex back-pressure and IEEE802.3x full-duplex flow
control
•Auto MDI/MDIX
AddressTableSize
•8192 MAC addresses
Power
InputVoltage
•12 - 48VDC (Terminal Block)
•12VDC (DC Jack)
PowerConsumption
•15W Max. 1.25A @ 12VDC, 0.625A @ 24VDC
Protection
•Reverse polarity protection
Mechanical
Casing
•Aluminum Case
•IP30
Dimensions
•84mm (W) x 125mm (D) x145mm (H)
3.3" (W) x 4.92" (D) x 5.71" (H)
Weight
•1.4Kg (3.08lbs.)
Installation
•DIN-Rail (Top hat type 35mm) or Wall mounting
Interface
EthernetPort
•10/100BASE-TX: 16, 12 or 8 ports
•100BASE-FX: 0, 1, 2 or 4 ports
•Gigabit: 0, 1 or 2 ports
ConsolePort
•Port: One DB9 RS-232 port
LEDIndicators
•Per Unit: Power 1, Power 2, Power 3
•Per Port: Link/Activity
(Green: Copper, Orange: Fiber)
AlarmContact
•One relay output with current 1A @ 24VDC
Environment
OperatingTemperature
•-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 80°C (-40°F to 176°F)
StorageTemperature
•-45°C to 85°C (-49°F to 185°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
EMI
FCCPart15B,ClassA
EN61000-6-4
EN61000-3-2
EN61000-3-3
EN55022
EMS
EEN61000-6-2
•EN61000-4-2 (ESD Standards)
•EN61000-4-3 (Radiated RFI Standards)
•EN61000-4-4 (Burst Standards)
•EN61000-4-5 (Surge Standards)
•EN61000-4-6 (Induced RFI Standards)
•EN61000-4-8 (Magnetic Field Standards)
•IEC61000-4-10 (Oscillatory wave magnetic field test)
•IEC61000-4-16 (Power frequency immunity test)
•IEC61000-4-18 (Oscillatory wave immunity test)
EnvironmentalTestCompliance
IEC60068-2-6Fc(VibrationResistance)
IEC60068-2-27Ea(Shock)
FEDSTD101CMethod5007.1(Freefallw/package)
IndustrialCompliance
IEEE61850-3/IEEE1613
EN50121-4
NEMATS2


Similar Part No. - EX83241-24B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX830 EXTECH-EX830 Datasheet
347Kb / 13P
   1000 Amp Clamp Meters with IR Thermometer
EX830 EXTECH-EX830 Datasheet
243Kb / 1P
   1000A Clamp Meters with IR Thermometers
More results

Similar Description - EX83241-24B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
   Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX87000 AXIOMTEK-EX87000 Datasheet
736Kb / 6P
   IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
   Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX89000 AXIOMTEK-EX89000 Datasheet
732Kb / 6P
   IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
   IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX47000 AXIOMTEK-EX47000 Datasheet
657Kb / 4P
   IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
   Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
   Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX63000 AXIOMTEK-EX63000 Datasheet
545Kb / 6P
   Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX78900 AXIOMTEK-EX78900 Datasheet
619Kb / 5P
   Hardened Managed 16-port Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com