Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5N234S Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT5N234S
Description  Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT5N234S Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT5N234S Datasheet HTML 1Page - Isahaya Electronics Corporation RT5N234S Datasheet HTML 2Page - Isahaya Electronics Corporation RT5N234S Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RT5N234S
Transistor With Resistor
For Switching Application
Silicon NPN Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
TYPICAL CHARACTERISTICS(Ta=25℃)
直流電流増幅率-コレクタ電流
1
10
100
1000
1
10
100
1000
コレクタ電流 IC(mA)
VCE=5V
入力オン電圧-コレクタ電流
0.1
1
10
1
10
100
コレクタ電流 IC(mA)
VCE=0.3V
コレクタ電流-入力オフ電圧
0.01
0.1
1
10
0
0.4
0.8
1.2
1.6
2
入力オフ電圧 VI(OFF)(V)
VCE=5V
コレクタ・エミッタ間飽和電圧-コレクタ電流
1
10
100
1000
1
10
100
1000
コレクタ電流 IC(mA)
IC/IB=20/1
COLLECTOR CURRENT Ic (mA)
DC FORWARD CURRENT GAIN
VS.COLLECTOR CURRENT
COLLECTOR CURRENT
VS.INPUT OFF VOLTAGE
INPUT OFF VOLTAGE VI(off) (V)
INPUT ON VOLTAGE
VS.COLLECTOR CURRENT
COLLECTOR CURRENT Ic (mA)
COLLECTOR CURRENT Ic (mA)
COLLECTOR TO EMITTER SATURATION
VOLTAGE VS COLLECTOR CURRENT
0
100
200
300
400
500
600
700
800
050
100
150
AMBIENT TEMPERATURE Ta (℃)
COLLECTOR DISSIPATION
VS AMBIENT TEMPERATURE


Similar Part No. - RT5N234S

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT5N234C ISAHAYA-RT5N234C Datasheet
153Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results

Similar Description - RT5N234S

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1N234X ISAHAYA-RT1N234X Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N231X ISAHAYA-RT1N231X Datasheet
72Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230X ISAHAYA-RT1N230X Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N140X ISAHAYA-RT1N140X Datasheet
577Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N44QX ISAHAYA-RT1N44QX Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P24BX ISAHAYA-RT1P24BX Datasheet
61Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14HX ISAHAYA-RT1P14HX Datasheet
64Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14BX ISAHAYA-RT1P14BX Datasheet
114Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N440X ISAHAYA-RT1N440X Datasheet
303Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N436X ISAHAYA-RT1N436X Datasheet
886Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N432X ISAHAYA-RT1N432X Datasheet
324Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com