Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F413P-MQB Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F413P-MQB
Description  64 x 4 First-In First-Out Buffer Memory with Parallel I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F413P-MQB Datasheet(HTML) 6 Page - National Semiconductor (TI)

  74F413P-MQB Datasheet HTML 1Page - National Semiconductor (TI) 74F413P-MQB Datasheet HTML 2Page - National Semiconductor (TI) 74F413P-MQB Datasheet HTML 3Page - National Semiconductor (TI) 74F413P-MQB Datasheet HTML 4Page - National Semiconductor (TI) 74F413P-MQB Datasheet HTML 5Page - National Semiconductor (TI) 74F413P-MQB Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Physical Dimensions inches (millimeters) (Continued)
16-Lead (0300 Wide) Molded Dual-In-Line Package (P)
NS Package Number N16E
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax (a49) 0-180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2309
Arlington TX 76017
Email cnjwge tevm2nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel (a49) 0-180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel (a49) 0-180-532 78 32
Hong Kong
Fran ais Tel (a49) 0-180-532 93 58
Tel (852) 2737-1600
Italiano
Tel (a49) 0-180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - 74F413P-MQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F413PC FAIRCHILD-74F413PC Datasheet
39Kb / 5P
   64 x 4 First-In First-Out Buffer Memory with Parallel I/O
More results

Similar Description - 74F413P-MQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F413 FAIRCHILD-74F413 Datasheet
39Kb / 5P
   64 x 4 First-In First-Out Buffer Memory with Parallel I/O
logo
Texas Instruments
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74ACT2708 FAIRCHILD-74ACT2708 Datasheet
95Kb / 13P
   64 x 9 First-In, First-Out Memory
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com