Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INC6005AC1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # INC6005AC1
Description  FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INC6005AC1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  INC6005AC1 Datasheet HTML 1Page - Isahaya Electronics Corporation INC6005AC1 Datasheet HTML 2Page - Isahaya Electronics Corporation INC6005AC1 Datasheet HTML 3Page - Isahaya Electronics Corporation INC6005AC1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INC6005AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
TYPICAL CHARACTERISTICS
10
100
1000
0.1
1
10
100
COLLECTOR CURRENT IC(mA)
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
VCE=10V
Ta=-40℃
Ta=25℃
Ta=100℃
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
BASE TO EMITTER VOLTAGE VBE(V)
COMMON EMITTER TRANSFER
VCE=10V
Ta=-40℃
Ta=25℃
Ta=100℃
10
100
1000
0.1
1
10
100
COLLECTOR CURRENT IC(mA)
COLLECTOR TO EMITTER SATURATION
VOLTAGE VS. COLLECTOR CURRENT
Ta=-40℃
Ta=25℃
Ta=100℃
IC/IB=10
0.1
1
10
0.1
1
10
100
COLLECTOR CURRENT IC(mA)
BASE TO EMITTER SATURATION VOLTAGE
VS. COLLECTOR CURRENT
Ta=-40℃
Ta=25℃
Ta=100℃
IC/IB=10
0
50
100
150
-1
-10
-100
EMITTER CURRENT IE(mA)
GAIN BAND WIDTH PRODUCT
VS. EMITTER CURRENT
Ta=25℃
VCE=20V
0
10
20
0.1
1
10
100
COLLECTOR TO BASE VOLTAGE VCB(V)
COLLECTOR OUTPUT CAPACITANCE
VS. COLLECTOR TO BASE VOLTAGE
Ta=25℃
f=1MHz
IE=0


Similar Part No. - INC6005AC1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INC6005AP1 ISAHAYA-INC6005AP1 Datasheet
143Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - INC6005AC1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5383 ISAHAYA-2SC5383_10 Datasheet
184Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INC6006AS1 ISAHAYA-INC6006AS1 Datasheet
151Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5938A ISAHAYA-2SC5938A Datasheet
89Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5814 ISAHAYA-2SC5814 Datasheet
195Kb / 5P
   For Low Frequency Amplify Application Silicon NPN Epitaxial Type
logo
List of Unclassifed Man...
2SC5214 ETC-2SC5214 Datasheet
155Kb / 3P
   For Low Frequency Amplify Application Silicon Npn Epitaxial Type
logo
Isahaya Electronics Cor...
2SC3928A ISAHAYA-2SC3928A_11 Datasheet
138Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155 ISAHAYA-2SC4155_11 Datasheet
138Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INA6002AC1 ISAHAYA-INA6002AC1 Datasheet
70Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3052 ISAHAYA-2SC3052_10 Datasheet
189Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155A ISAHAYA-2SC4155A_11 Datasheet
139Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
List of Unclassifed Man...
2SC4155 ETC-2SC4155 Datasheet
93Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com