Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PICO880 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO880
Description  1 DDR3L SO-DIMM supports up to 8 GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO880 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO880_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
132
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Features
4th/5th Generation Intel® Core™ i7/i5/i3 &
Celeron® Processor Pico ITX SBC with
DP/LVDS, 1 GbE LAN & Audio
4th/5th generation Intel® Core™ i7/i5/i3 & Celeron®
processor (Haswell/Broadwell)
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
Intel® AMT 9.5 supported
1 full-size PCI Express Mini card with mSATA
+12V DC-IN
Optional I/O boards: AX93275 and AX93276
I/O
System
Ordering Information
Packing List
Standard
PICO880PGA-i7 4650U
(P/N: E38H880102)
4th generation Intel® Core™ i7-4650U 1.7 GHz Pico-ITX SBC
with DP/LVDS, GbE LAN, 1 USB 2.0
PICO880PGA-i5 4300U
(P/N: E38H880103)
4th generation Intel® Core™ i5-4300U 1.9 GHz Pico-ITX SBC
with DP/LVDS, GbE LAN, 1 USB 2.0
PICO880PGA-i3 4010U
(P/N: E38H880100)
4th generation Intel® Core™ i3-4010U 1.7 GHz Pico-ITX SBC
with DP/LVDS, GbE LAN, 1 USB 2.0
PICO880PGA-CELERON
2980U
(P/N: E38H880104)
4th generation Intel® Celeron® 2980U 1.6 GHz Pico-ITX
SBC with DP/LVDS, GbE LAN, 1 USB 2.0
PICO880PGA-i7-5650U
(P/N: E38H880110)
5th generation Intel® Core™ i7-5650U 2.2 GHz Pico-ITX SBC
with DP/LVDS, GbE LAN, 1 USB 2.0
PICO880PGA-i5-5350U
(P/N: E38H880111)
5th generation Intel® Core™ i5-5350U 1.8 GHz Pico-ITX SBC
with DP/LVDS, GbE LAN, 1 USB 2.0
PICO880PGA-i3-5010U
(P/N: E38H880112)
5th generation Intel® Core™ i3-5010U 2.1 GHz Pico-ITX SBC
with DP/LVDS, GbE LAN, 1 USB 2.0
Optional
AX93275
(P/N: E393275100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x VGA, 1 x Audio
AX93276
(P/N: E393276100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x HDMI, 1 x GbE LAN
Standard
Quick installation guide, User’s Manual/Utility CD and accessories
Accessories
Part Number
Description
Qty
59403208000E
SATA cable
1
594P8800600E
SATA power cable
1
594P8802800E
USB cable
1
59190400500E
Fan cable
1
5078H880010E
Heatspreader for 4th generation Intel® Core™
processor
1
5078H100100E
Heatsink with fan
1
5078H880000E
Heatspreader for 5th generation Intel® Core™
processor
1
PICO880
CPU
4th/5th generation Intel® i7/i5/i3 & Celeron® processor
System Memory
1 x 204-pin DDR3L-1600 SO-DIMM max. up to 8 GB
Chipset
SoC integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
1 x PCIe x1, 2 x UART, 1 x DDI, 4 x USB 3.0, and
1 x HD audio (through expansion connector)
Battery Lithium
Lithium 3V/220mAH
Power Input
DC power jack connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Core™ i7-4650U @ 1.7 GHz, 2 GB DDR3L Max. RMS.
+12V @ 2.95A
Intel® Core™ i5-4300U @ 1.9 GHz, 2 GB DDR3L Max. RMS.
+12V @ 2.55A
Intel® Core™ i3-4010U @ 1.7 GHz, 2 GB DDR3L Max. RMS.
+12V @ 1.84A
Intel® Celeron® 2980U @ 1.6 GHz, 2 GB DDR3L Max. RMS.
+12V @ 1.75A
Intel® Core™ i7-5650U @ 2.2 GHz 8 GB DDR3L Max. RMS.
+12V @ 3A
Intel® Core™ i5-5350U @ 1.8 GHz 8 GB DDR3L Max. RMS.
+12V @ 2.8A
Intel® Core™ i3-5010U @ 2.1 GHz 8 GB DDR3L Max. RMS.
+12V @ 2A
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
N/A
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port as 10/100/1000 Mbps supports Wake-on-LAN, PXE
Boot ROM with Intel® i218LM
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
1 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
N/A
Display
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share system memory
Display Interface
1 x LVDS; 18/24-bit single/dual channel
1 x DisplayPort
Rear view
Full-size PCI
Express Mini Card
w/mSATA
supported
DDR3L SO-DIMM
Ethernet
USB 2.0
DisplayPort
LVDS
SATA
+12V Power Input
Audio, 2 x UART,
Power on/off, reset, LED
4 x USB 3.0, 1 x PCIe x1, DDI
Assembly view
DDR3
DDR3
DDR3
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
+12V
*For more Ordering Information, please visit Axiomtek's website.


Similar Part No. - PICO880_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO880 AXIOMTEK-PICO880_14 Datasheet
505Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_17 Datasheet
232Kb / 1P
   Pico-ITX SBC with 4th/5th Gen Intel Core i7/i5/i3 & Celeron Processor
More results

Similar Description - PICO880_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA848 AXIOMTEK-CAPA848 Datasheet
326Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA841 AXIOMTEK-CAPA841_16 Datasheet
446Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO840 AXIOMTEK-NANO840 Datasheet
394Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA842 AXIOMTEK-CAPA842_16 Datasheet
348Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO840 AXIOMTEK-PICO840_16 Datasheet
384Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_14 Datasheet
505Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO843 AXIOMTEK-PICO843 Datasheet
402Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA840 AXIOMTEK-CAPA840 Datasheet
325Kb / 1P
   2 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com