Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2988-INE3 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS2988-INE3
Description  Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2988-INE3 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS2988-INE3 Datasheet HTML 7Page - Gennum Corporation GS2988-INE3 Datasheet HTML 8Page - Gennum Corporation GS2988-INE3 Datasheet HTML 9Page - Gennum Corporation GS2988-INE3 Datasheet HTML 10Page - Gennum Corporation GS2988-INE3 Datasheet HTML 11Page - Gennum Corporation GS2988-INE3 Datasheet HTML 12Page - Gennum Corporation GS2988-INE3 Datasheet HTML 13Page - Gennum Corporation GS2988-INE3 Datasheet HTML 14Page - Gennum Corporation GS2988-INE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
GS2988 Dual-Slew-Rate, Cable Driver with 3Gb/s
Capability
Data Sheet
52131 - 4
December 2010
11 of 17
The RSET resistor is part of an internal DC feedback loop in the GS2988. The resistor
should be placed as close as possible to the RSET pin, and connected directly to the VCC
plane (traces/wires may cause instability). In addition, the PCB capacitance should be
minimized at this node by removing the PCB groundplane beneath the RSET resistor and
the RSET pin.
NOTE:
Care should be taken when considering layout of the RSET resistor. Please refer
to Section 5.1 for more details.
Figure 4-1: VOUT vs. RSET
In order to determine the best starting value for Rset, the following formula should be
used:
Rset = 8*(Rtrm/VoutppSE)
Where VoutppSE is in Volts, and both resistances are in Ω.
Rtrm
is the value of the termination resistors, which should be equal to the
characteristic impedance of the cable, and is typically 75Ω.
The cable must be short (≤1m), and terminated at both ends for the formula to be valid.
Example: For a 75Ω cable, Rtrm = 75Ω (at both ends), VoutppSE = 800mV
Rset = 8*(75/0.8) = 750Ω
1.75
1.5
1.25
1.0
0.75
0.5
0.25
2.0
0.250
0.500
0.750
1.0
1.25
1.5
RSET (k
Ω)


Similar Part No. - GS2988-INE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2988-INE3 SEMTECH-GS2988-INE3 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
More results

Similar Description - GS2988-INE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com