Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6173 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # P6173
Description  17 SXGA TFT Industrial LCD Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6173 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  P6173 Datasheet HTML 1Page - Axiomtek Co., Ltd. P6173 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
615
* All specifications and photos are subject to change without notice.
Features
7. DC power input
8. DVI (Only for DVI-D)
9. VGA
1. Exit
2. Menu
3. SEL-
4. SEL+
5. Power LED
6. Power switch
10. Video (CVBS)
11. S-video
12. T/S port
P6173
17" SXGA TFT Industrial LCD Monitor
17" TFT 350 nits SXGA LCD
NEMA 4/12 (IP65)- compliant panel mounting flat panel
monitor
Supports panel mount, wall mount, rack mount and VESA arm
Resistive touchscreen
Supports full range screw-type (locked) AC-in or 24V DC-in
(option)
Supports multi-signal inputs: VGA, S-video, Video and DVI
Introduction
Specifications
The P6173 is an slim industrial LCD monitor, which adopts 17-inch 350 nits high
brightness SXGA LCD display and supports multi-signal interfaces including DVI, VGA,
S-video, Video. Featuring NEMA 4/12 & IP65 compliant front bezel, screw-type adaptor
plug design, and 12/24V DC-In means it is fit for all kinds of industrial environments.
Moreover, the P6173 supports panel mount, wall mount, rack mount or VESA FPMPMI
(Video Electronics Standards Association Flat Panel Monitor Physical Mounting Interface)
mounting. With the compact mechanism design, users can enjoy free from space
constraint. It is especially suitable for POI/POS, excellent HMI and all kinds of heavy-duty
industrial fields.
Front Bezel
NEMA 4/12 (IP65)-compliant, metal front bezel
Mounting
Supports panel mount, wall mount, rack mount or VESA arm
FPMPMI mounting (video electronics standards association
flat panel monitor physical mounting interface)
LCD Panel
Display
Type 17" TFT SXGA LCD
Max. Resolution
1280 x 1024
Max. Colors
16.7M
Active Area (mm)
337.92 x 270.33
Pixel Pitch (mm)
0.264 x 0.264
Response Time
5 ms
Backlight
LED
Backlight MTBF
30,000 hrs
Viewing Angle (H/V) 170°/160°
Contrast Ratio
1000 (TYP.)
Brightness (cd/m
2)
350 nits
Display Control
OSD (on screen display)
Display Mode
VGA 640 x 350 (70Hz), VGA 640 x 480 (60/72/75Hz),
VGA 720 x 400 (70Hz), SVGA 800 x 600 (60/72/75Hz),
XGA 1024 x 768 (60/72/75Hz),
SXGA 1280 x 1024 (60/72/75Hz)
Side view
1
2
4 6
3 5
7
8
9 10
11
12


Similar Part No. - P6173

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6173 AXIOMTEK-P6173 Datasheet
279Kb / 2P
   Supports multi-signal inputs: VGA
P6173 AXIOMTEK-P6173_17 Datasheet
355Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
More results

Similar Description - P6173

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6171 AXIOMTEK-P6171_17 Datasheet
285Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
P6173 AXIOMTEK-P6173_17 Datasheet
355Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
P6191 AXIOMTEK-P6191 Datasheet
323Kb / 2P
   19 SXGA TFT Industrial LCD Monitor
P6171O AXIOMTEK-P6171O Datasheet
277Kb / 2P
   17 SXGA TFT Industrial Open Frame Monitor
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
   17??SXGA TFT LCD
logo
AAEON Technology
OPD-217A AAEON-OPD-217A Datasheet
244Kb / 2P
   17??TFT SXGA LCD
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
   17 SXGA TFT LCD display
logo
Advantech Co., Ltd.
IDS-3217 ADVANTECH-IDS-3217 Datasheet
392Kb / 2P
   17' SXGA Industrial Panel Mount Monitor
IDS-3117 ADVANTECH-IDS-3117_16 Datasheet
333Kb / 2P
   17' SXGA Industrial Open Frame Monitor
IDS-3117 ADVANTECH-IDS-3117_14 Datasheet
313Kb / 2P
   17" SXGA Industrial Open Frame Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com