Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1679-INTE3 Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS1679-INTE3
Description  Cable Driver with HD/SD Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1679-INTE3 Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS1679-INTE3 Datasheet HTML 6Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 7Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 8Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 9Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 10Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 11Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 12Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 13Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
GS1679 Cable Driver with HD/SD Capability
Data Sheet
54175 - 1
March 2011
10 of 16
4. Application Information
4.1 PCB Layout
Special attention must be paid to component layout when designing serial digital
interfaces for HDTV.
An FR-4 dielectric can be used, however, controlled impedance transmission lines are
required for PCB traces longer than approximately 1cm. Note the following PCB artwork
features used to optimize performance:
• The PCB trace width for HD rate signals is closely matched to SMT component
width to minimize reflections due to changes in trace impedance
• The PCB ground plane is removed under the GS1679 output components to
minimize parasitic capacitance (NOTE: care should be taken, as removing too much
of the plane will make the system susceptible to EMI)
• The PCB ground plane is removed under the GS1679 RSET pin and resistor to
minimize parasitic capacitance. The RSET resistor should be directly connected to
the VCC plane
• High-speed traces are round-curved (rather than 45° or 90° angles) to minimize
impedance variations due to change of PCB trace width
NOTE:
For more recommendations on Trace Lengths, ORL Inductor Values and other
PCB Layout Considerations, please refer to Gennum’s GS2989 Design Guide
(Doc ID 52070).
4.2 Typical Application Circuit
Figure 4-1: Typical Application Circuit
DDI
2
DDI
3
SDO1
12
SDO1
11
SDO2
10
SDO2
9
RSET
5
GS1679
VCC_Term
10n
GND
75R
4u7
4u7
4u7
4u7
75R
VCC_Term
VCC_Term
10n
75R
10n
GND
GND
4u7
4u7
75R
75R
75R
75R
75R
5n6*
5n6*
VCC
GND
VCC
10n
10n
GND
R*
* Typical value: varies with layout, and represents a trade-off
between good eye shape and output return loss.
5n6 is the optimum value for an 800mV output swing
and 3.3V operation.
4n7 is the optimum value for an 800mV output swing and
2.5V operation.
6n8 is the optimum value for an 1200mV output swing.
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise stated.
*Customer to choose resistor value.
5n6*
5n6*


Similar Part No. - GS1679-INTE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670-IBE3 SEMTECH-GS1670-IBE3 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

Similar Description - GS1679-INTE3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com