Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2961 Datasheet(PDF) 23 Page - Gennum Corporation

Part # GS2961
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2961 Datasheet(HTML) 23 Page - Gennum Corporation

Back Button GS2961 Datasheet HTML 19Page - Gennum Corporation GS2961 Datasheet HTML 20Page - Gennum Corporation GS2961 Datasheet HTML 21Page - Gennum Corporation GS2961 Datasheet HTML 22Page - Gennum Corporation GS2961 Datasheet HTML 23Page - Gennum Corporation GS2961 Datasheet HTML 24Page - Gennum Corporation GS2961 Datasheet HTML 25Page - Gennum Corporation GS2961 Datasheet HTML 26Page - Gennum Corporation GS2961 Datasheet HTML 27Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
23 of 104
3. Input/Output Circuits
Figure 3-1: Digital Input Pin with Schmitt Trigger (20bit/10bit, CS_TMS, SW_EN,
IOPROC_EN/DIS, JTAG/HOST, RC_BYP, RESET_TRST, SCLK_TCK, SDIN_TDI,
SDO_EN/DIS, STANDBY, TIM_861)
Figure 3-2: Bidirectional Digital Input/Output Pin - Configured to Output
unless in Reset Mode. (DVB_ASI, SMPTE_BYPASS)
IO_VDD
200Ω
Input Pin
IO_VDD
200Ω
Output Pin


Similar Part No. - GS2961

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
logo
Gennum Corporation
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results

Similar Description - GS2961

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971A SEMTECH-GS2971A Datasheet
4Mb / 152P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com