Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPN04N60C2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. SPN04N60C2
Description  Cool MOS™ Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SPN04N60C2 Datasheet(HTML) 6 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2002-07-29
Page 6
SPN04N60C2
Final data
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
2
4
6
8
10
A
14
6.5V
7V
7.5V
8V
8.5V
9V
9.5V
20V
12V
10V
6 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
2
4
A
8
6V
6.5V
7V
7.5V
8V
8.5V
9V
20V
12V
10V
9.5V
8 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 0.65 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5.5
SPN04N60C2
typ
98%
7 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
1
2
3
4
5
6
7
A
8.5
ID
1
1.5
2
2.5
3
3.5
4
5
20V
12V
10V
9V
8.5V
8V
7.5V
7V
6.5V
6V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPN03N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60CFDCool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN03N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN04N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP08N50C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW17N80C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn