Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPN04N60C2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. SPN04N60C2
Description  Cool MOS™ Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SPN04N60C2 Datasheet(HTML) 5 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2002-07-29
Page 5
SPN04N60C2
Final data
1 Power dissipation
Ptot = f (TA)
0
20
40
60
80
100
120
°C
160
TA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
W
1.9
SPN04N60C2
2 Drain current
ID = f (TA)
parameter: VGS≥ 10 V
0
20
40
60
80
100
120
°C
160
TA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
A
0.9
SPN04N60C2
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TA=25°C
10
0
10
1
10
2
10
3
V
VDS
-3
10
-2
10
-1
10
0
10
1
10
A
SPN04N60C2
R D
S
(o
n)
=
V D
S
/ I D
DC
10 ms
1 ms
100 µs
t
p
= 11.0µs
4 Transient thermal impedance
ZthJS = f (tp)
parameter : D = tp/T
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
s
tp
-2
10
-1
10
0
10
1
10
2
10
K/W
SPN04N60C2
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPN03N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60CFDCool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN03N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN04N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP08N50C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW17N80C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn