Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPN03N60C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. SPN03N60C3
Description  Cool MOS™ Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SPN03N60C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2004-03-01
Page 1
SPN03N60C3
Rev. 2.0
Cool MOS™ Power Transistor
VDS @ Tjmax
650
V
RDS(on)
1.4
ID
0.7
A
Feature
• New revolutionary high voltage technology
• Ultra low gate charge
• Extreme dv/dt rated
• Ultra low effective capacitances
SOT-223
VPS05163
1
2
3
4
Type
Package
Ordering Code
SPN03N60C3
SOT-223
Q67040S4552
Marking
03N60C3
Maximum Ratings
Parameter
Symbol
Value
Unit
Continuous drain current
TA = 25 °C
TA = 70 °C
ID
0.7
0.4
A
Pulsed drain current, tp limited by Tjmax
TA = 25 °C
ID puls
3
Avalanche current, repetitive tAR limited by Tjmax IAR
3.2
Gate source voltage static
VGS
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
Power dissipation, TA = 25°C
Ptot
1.8
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPN03N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60CFDCool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN04N60C2Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN04N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP08N50C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW17N80C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn