Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX9511ETSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX9511ETSTRT
Description  8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9511ETSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX9511ETSTRT Datasheet HTML 5Page - Semtech Corporation SX9511ETSTRT Datasheet HTML 6Page - Semtech Corporation SX9511ETSTRT Datasheet HTML 7Page - Semtech Corporation SX9511ETSTRT Datasheet HTML 8Page - Semtech Corporation SX9511ETSTRT Datasheet HTML 9Page - Semtech Corporation SX9511ETSTRT Datasheet HTML 10Page - Semtech Corporation SX9511ETSTRT Datasheet HTML 11Page - Semtech Corporation SX9511ETSTRT Datasheet HTML 12Page - Semtech Corporation SX9511ETSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
WIRELESS & SENSING PRODUCTS
DATASHEET
Revision v1.12, November 2012
© 2012 Semtech Corp.
www.semtech.com
9
SX9510/11
8 Capacitive Buttons, LEDs, IR Decoder and
Proximity Controller with Analog Outputs
2.4
Electrical Specifications
All values are valid within the operating conditions unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Current consumption
Sleep
Isleep
All buttons are scanned at a
200ms rate. (40ms scan with
skip 4 frames)
330
350
uA
Operating
Ioperating
All buttons are scanned at a 40
ms rate, excluding LED forward
current.
600
650
uA
Input Levels NRST, IRIN, SCL, SDA, SPO2 (in PWRSTATE mode)
Input logic high
VIH
0.7*SVDD
SVDD + 0.3
V
Input logic low
VIL
GND applied to GND pins
GND - 0.3
0.3*SVDD
V
Input leakage current
LI
CMOS input
±1
uA
Output PWRON, SPO1, SPO2, SDA
Output logic high
(PWRON, SP01, & SP02 Only)
VOH
IOH<3mA
SVDD-0.4
V
Output logic low
VOL
IOL,<6mA
0.6
V
CapSense Interface
Offset Compensation Range
Coff
40
pF
Power up time
tpor
10
ms
Reset
Power on reset voltage
Vpor
1.1
V
Reset time after power on
tpor
1
ms
Reset pulse width on NRST
tres
20
ns
Recommended External components
capacitor between SVDD, GND
Cvreg
tolerance +/-20%
0.1
uF
capacitor between VDD, GND
Cvdd
tolerance +/-20%
0.1
uF
Table 5 Electrical Specifications


Similar Part No. - SX9511ETSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9511ETSTRT SEMTECH-SX9511ETSTRT Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
More results

Similar Description - SX9511ETSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9510EVK SEMTECH-SX9510EVK Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
   8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
SX8661Z SEMTECH-SX8661Z Datasheet
1Mb / 87P
   Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
   Proximity Capacitive Touch Sensor Controller
logo
Microchip Technology
CAP1298 MICROCHIP-CAP1298 Datasheet
849Kb / 68P
   8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
07/14/15
logo
Freescale Semiconductor...
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
   Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
   Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
   Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com