Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB7036ATGRCAWUA Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # JHB7036ATGRCAWUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB7036ATGRCAWUA Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button JHB7036ATGRCAWUA Datasheet HTML 3Page - Jewel Hill Electronic JHB7036ATGRCAWUA Datasheet HTML 4Page - Jewel Hill Electronic JHB7036ATGRCAWUA Datasheet HTML 5Page - Jewel Hill Electronic JHB7036ATGRCAWUA Datasheet HTML 6Page - Jewel Hill Electronic JHB7036ATGRCAWUA Datasheet HTML 7Page - Jewel Hill Electronic JHB7036ATGRCAWUA Datasheet HTML 8Page - Jewel Hill Electronic JHB7036ATGRCAWUA Datasheet HTML 9Page - Jewel Hill Electronic JHB7036ATGRCAWUA Datasheet HTML 10Page - Jewel Hill Electronic JHB7036ATGRCAWUA Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
JHB7036A
VER: 01.01
- 6 -
Issue date: 2013-08-01
JEWEL HILL ELECTRONIC CO.,LTD.
6.INTERFACE PIN CONNECTIONS.
Pin No.
Symbol
Description
1
SDA
I2C-bus serial data input/output
2
NC
Nc,No connect
3
SCL
I2C-bus serial clock input
4
VLCD
NC ,inside adjust(R2,R3)
5
VSS
Power supply for Ground (0V)
6
VDD
Power supply for positive (5.0V)
7
LED+
Backlight Power+(5.0V)
8
LED-
Backlight Power-(VSS)
9
SW4
Controll Key4 pin
10
SW1
Controll Key1 pin
11
SW2
Controll Key2 pin
12
SW5
Controll Key5 pin
13
SW3
Controll Key3 pin
14
SW6
Controll Key6 pin
15
SW7
Controll Key7 pin
16
SW8
Controll Key8 pin
CON2
Pin No.
Symbol
Description
1
SW2
Controll Key2 pin
2
SW5
Controll Key5 pin
3
SW1
Controll Key1 pin
4
SW3
Controll Key3 pin
5
SW4
Controll Key4 pin
6
SW8
Controll Key8 pin
7
SW7
Controll Key7 pin
8
SW6
Controll Key6 pin
9-10
VSS
Power supply for Ground (0V)


Similar Part No. - JHB7036ATGRCAWUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB7033A JHE-JHB7033A Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECAMUA JHE-JHB7033ABBECAMUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECANUA JHE-JHB7033ABBECANUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECAWUA JHE-JHB7033ABBECAWUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECBMUA JHE-JHB7033ABBECBMUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHB7036ATGRCAWUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com