Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1276IMLTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX1276IMLTRT
Description  Low Power Long Range Transceiver
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1276IMLTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX1276IMLTRT Datasheet HTML 5Page - Semtech Corporation SX1276IMLTRT Datasheet HTML 6Page - Semtech Corporation SX1276IMLTRT Datasheet HTML 7Page - Semtech Corporation SX1276IMLTRT Datasheet HTML 8Page - Semtech Corporation SX1276IMLTRT Datasheet HTML 9Page - Semtech Corporation SX1276IMLTRT Datasheet HTML 10Page - Semtech Corporation SX1276IMLTRT Datasheet HTML 11Page - Semtech Corporation SX1276IMLTRT Datasheet HTML 12Page - Semtech Corporation SX1276IMLTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
www.semtech.com
Page 9
SX1276/77/78/79
WIRELESS, SENSING & TIMING
DATASHEET
Rev. 4 - March 2015
©2015 Semtech Corporation
1. General Description
The SX1276/77/78/79 incorporates the LoRaTM spread spectrum modem which is capable of achieving significantly longer
range than existing systems based on FSK or OOK modulation. At maximum data rates of LoRaTM the sensitivity is 8dB
better than FSK, but using a low cost bill of materials with a 20ppm XTAL LoRaTM can improve receiver sensitivity by more
than 20dB compared to FSK. LoRaTM also provides significant advances in selectivity and blocking performance, further
improving communication reliability. For maximum flexibility the user may decide on the spread spectrum modulation
bandwidth (BW), spreading factor (SF) and error correction rate (CR). Another benefit of the spread modulation is that
each spreading factor is orthogonal - thus multiple transmitted signals can occupy the same channel without interfering.
This also permits simple coexistence with existing FSK based systems. Standard GFSK, FSK, OOK, and GMSK
modulation is also provided to allow compatibility with existing systems or standards such as wireless MBUS and IEEE
802.15.4g.
The SX1276 and SX1279 offer bandwidth options ranging from 7.8 kHz to 500 kHz with spreading factors ranging from 6 to
12, and covering all available frequency bands. The SX1277 offers the same bandwidth and frequency band options with
spreading factors from 6 to 9. The SX1278 offers bandwidths and spreading factor options, but only covers the lower UHF
bands.
1.1. Simplified Block Diagram
Figure 1. Block Diagram


Similar Part No. - SX1276IMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1276 SEMTECH-SX1276 Datasheet
348Kb / 1P
   137-1050 MHz Ultra Low Power Long Range Transceiver
More results

Similar Description - SX1276IMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com