Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT62SCMD12 Datasheet(PDF) 1 Page - Cree, Inc

Part # PT62SCMD12
Description  Dual 1200V SIC MOSFET driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PT62SCMD12 Datasheet(HTML) 1 Page - Cree, Inc

  PT62SCMD12 Datasheet HTML 1Page - Cree, Inc PT62SCMD12 Datasheet HTML 2Page - Cree, Inc PT62SCMD12 Datasheet HTML 3Page - Cree, Inc PT62SCMD12 Datasheet HTML 4Page - Cree, Inc PT62SCMD12 Datasheet HTML 5Page - Cree, Inc PT62SCMD12 Datasheet HTML 6Page - Cree, Inc PT62SCMD12 Datasheet HTML 7Page - Cree, Inc PT62SCMD12 Datasheet HTML 8Page - Cree, Inc PT62SCMD12 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Datasheet PT62SCMD12 SIC MOSFET driver R08
15 September 2014
© 2014 Prodrive Technologies B.V.
1 of 12
PT62SCMD12
Dual 1200V SIC MOSFET driver
Features:
Designed for driving CREE CAS300M12BM2 SIC MOSFETS modules
Low jitter: typical 1ns
+20V/-6V gate driving
Over-current protected
Switching frequencies up to 125kHz
Adjustable dead and blanking time
Dead-time generator
Output currents up to +/- 20A
Under and over voltage lock out
High dV/dt immunity
No optocouplers
RS422 input interface
Large power supply range, from 15V up to 24V
Driver ID
Associated SIC MOSFET module
PT62SCMD12 R01
CAS300M12BM2
Overview:
X10
VIN+,HIGH
VIN-,HIGH
VIN+,LOW
VIN-,LOW
GND
STATUS
VPOWER
DIFFEREN TIAL
RECEIVER
DIFFEREN TIAL
RECEIVER
DEAD TIME
GENERATOR
STATUS
CONTROLLER
CONTROLLER
BOARD
SUPPLIES
MODULATOR
HIGH SIDE
MODULATOR
LOW SIDE
FAULT
DETECTION
CONTROLLER
CONTROLLER
DE-MODULATOR
ISOLATED
SUPPLY
STATUS
CONTROLLER
DE-MODULATOR
STATUS
CONTROLLER
CONTROLLER
X22
X21
X32
X31
VGATE,HIGH
GNDHIGH
VGATE,LOW
GNDLOW
E NABLE
X33
VDRAIN,LOW
X23
VDRAIN,HIGH
E NABLE
OCP
OCP
VOLTAGE
MONITOR
GND
Dead time
setting
VD,LOW
VD,HIGH
VOLTAGE
MONITOR
CBLA NK
ROCP
CBLA NK
ROCP
OCP settings
OCP settings
RGATE,OFF
VOLTAGE
MONITOR
RESET
GNDLOW
GNDHIGH
CGS
CGS
RGATE,ON
RGATE,ON
RGATE,OFF
SECONDARY LOW SIDE
SECONDARY HIGH SIDE
PRIMARY
SIDE


Similar Part No. - PT62SCMD12

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PT62SCMD17 CREE-PT62SCMD17 Datasheet
1,015Kb / 12P
   Dual 1700V SIC MOSFET driver
More results

Similar Description - PT62SCMD12

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGD15FB45P CREE-CGD15FB45P Datasheet
1Mb / 6P
   Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module
PT62SCMD17 CREE-PT62SCMD17 Datasheet
1,015Kb / 12P
   Dual 1700V SIC MOSFET driver
CGD15HB62P1 CREE-CGD15HB62P1 Datasheet
951Kb / 6P
   Gate Driver for 1200V, 62mm SiC MOSFET Power Module
logo
Infineon Technologies A...
AIMW120R060M1H INFINEON-AIMW120R060M1H Datasheet
812Kb / 17P
   CoolSiC??Automotive 1200V SiC Trench MOSFET 1200V G1 Silicon Carbide MOSFET
v01_00 2021-03-09
AIMW120R035M1H INFINEON-AIMW120R035M1H Datasheet
867Kb / 17P
   CoolSiC??Automotive 1200V SiC Trench MOSFET 1200V G1 Silicon Carbide MOSFET
v01_00 2021-03-09
IMZ120R140M1H INFINEON-IMZ120R140M1H Datasheet
1Mb / 17P
   CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMW120R140M1H INFINEON-IMW120R140M1H Datasheet
1Mb / 17P
   CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
logo
UN Semiconducctor INC
UNC1K207N043-T47 UNSEMI-UNC1K207N043-T47 Datasheet
3Mb / 9P
   N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
logo
Infineon Technologies A...
IMW120R350M1H INFINEON-IMW120R350M1H Datasheet
1Mb / 17P
   CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMW120R090M1H INFINEON-IMW120R090M1H Datasheet
1Mb / 17P
   CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com