Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS19KT Datasheet(PDF) 10 Page - ASM GmbH

Part # WS19KT
Description  Absolute Encoder Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS19KT Datasheet(HTML) 10 Page - ASM GmbH

Back Button WS19KT Datasheet HTML 4Page - ASM GmbH WS19KT Datasheet HTML 5Page - ASM GmbH WS19KT Datasheet HTML 6Page - ASM GmbH WS19KT Datasheet HTML 7Page - ASM GmbH WS19KT Datasheet HTML 8Page - ASM GmbH WS19KT Datasheet HTML 9Page - ASM GmbH WS19KT Datasheet HTML 10Page - ASM GmbH WS19KT Datasheet HTML 11Page - ASM GmbH WS19KT Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ASM GmbH
CAT-WS-E-09
69
www.asm-sensor.com
Interface HINT
Absolute encoder
Interbus
Excitation voltage
10 ... 30 V DC
Excitation current
250 mA
Interface
Interbus, ENCOM profile K3 (configurable), K2
Output code
32 Bit binary
Baud rate
500 kBaud
Data refresh
Every 600 µs
Resolution
12 (10 ... 14) + 12 bit
Programmability
Direction, preset, offset, resolution
Connection
Bus cover with T manifold
EMC
EN 50081-2, EN 50082-2
POSIWIRE®
HINT
Absolute Interbus Encoder
Data format
Interbus K2/K3
Differential signals (RS485)
ENCOM profile K3, K2, 32 Bit, binary process data
DT-Format
Sµpi address 0
1
2
3
(according to the Phoenix company)
Byte No.
3
2
1
0
ID code K2
36 H (= 54 dec.)
ID code K3
37 H (= 55 dec.)
Signal wiring
Signal name
Cable terminal no. (bus cover)
U
B +
1
GND
2
DI1
3
DI1
4
DO1
5
DO1
6
DO2
7
DO2
8
DI2
9
DI2
10
RBST
11
GND
12


Similar Part No. - WS19KT

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
More results

Similar Description - WS19KT

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
   absolute or incremental encoder output
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
PVM78E PF-PVM78E Datasheet
604Kb / 6P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com