Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRAS2EX-45-U2-CCW-M12R5 Datasheet(PDF) 1 Page - ASM GmbH

Part # PRAS2EX-45-U2-CCW-M12R5
Description  Magnetic Angle Sensor with Analog Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS2EX-45-U2-CCW-M12R5 Datasheet(HTML) 1 Page - ASM GmbH

  PRAS2EX-45-U2-CCW-M12R5 Datasheet HTML 1Page - ASM GmbH PRAS2EX-45-U2-CCW-M12R5 Datasheet HTML 2Page - ASM GmbH PRAS2EX-45-U2-CCW-M12R5 Datasheet HTML 3Page - ASM GmbH PRAS2EX-45-U2-CCW-M12R5 Datasheet HTML 4Page - ASM GmbH PRAS2EX-45-U2-CCW-M12R5 Datasheet HTML 5Page - ASM GmbH PRAS2EX-45-U2-CCW-M12R5 Datasheet HTML 6Page - ASM GmbH PRAS2EX-45-U2-CCW-M12R5 Datasheet HTML 7Page - ASM GmbH PRAS2EX-45-U2-CCW-M12R5 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRAS2EX
PRMAG ...
PRPT-BFS1
24
CAT-PR/PT-E-11
ASM
www.asm-sensor.com
Magneticanglesensor0-360°inaflathousing
with36mmdia.
●Measurementrange0to360°
● ProtectionclassIP65
● Analogoutput
● Flathousing–20mmthickness
● Non-contactwithexternalpositionmagnet
● Dust-Ex-proof:II3DExtDA22IP65T80°CX
● Wearfree
● SILinpreparation
Specifications
Outputs
U6
U2
I1
Voltage 0.5 ... 4.5 V ratiometric
Voltage 0.5 ... 10 V
Current 4 ... 20 mA, 3 wire
Measurement range
0 ... 15° to 0 ... 360° in increments of 15°
Resolution
0.03 % (60 ... 360); 0.1 % (15 ... 45°)
Repeatability
±0.03 % (60 ... 360°); ±0.1 % (15 ... 45°)
Linearity
±0.3 % f.s. (typ.)
Rated distance sensor / magnet
Depending on the position magnet
Protection class
IP65
Signal characteristics
CW, CCW
Material
Stainless steel
Mounting
Clamps, mounting plate
Temperature
-20 to +40 °C
Shock
EN60068-2-27:1993, 100 g/11 ms, 100 shocks
Vibration
EN60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Dust-Ex-proof standard
DIN EN61241-0, DIN EN61241-1
OrderCodePRAS2EX



Modelname
Measurementrange15...360°inincrementsof15°
15 / 30 / 45 / ... / 345 / 360
Output (see page 46)
U6
= 0.5 ... 4.5 V ratiometric
U2
= 0.5 ... 10 V
I1
= 4 ... 20 mA, 3 wire
Signalcharacteristics
CW
= Signal increasing CW
CCW
= Signal increasing CCW
Connection
M12A5
= 5-pin socket M12 axial (compatible with 4-pin connector)
M12R5
= 5-pin socket M12 radial (compatible with 4-pin connector)
Orderexample:PRAS2EX-360-I1-CW-M12A5
Ordercodepositionmagnet(see accessories page 55)
Ordercodemountingclamps(set of 3 pieces)
POSIROT®
PRAS2EX-Dust-Ex-proof
MagneticAngleSensorwithAnalogOutput
Dust-Ex-proofexplanation(see page 55)


Similar Part No. - PRAS2EX-45-U2-CCW-M12R5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS2 ASM-SENSOR-PRAS2 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS20 ASM-SENSOR-PRAS20 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS21 ASM-SENSOR-PRAS21 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS26-15-L1B-CCW ASM-SENSOR-PRAS26-15-L1B-CCW Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS2EX-45-U2-CCW-M12R5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com