Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRAS5-K-360-U2-CCW Datasheet(PDF) 2 Page - ASM GmbH

Part # PRAS5-K-360-U2-CCW
Description  Magnetic Angle Sensor with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS5-K-360-U2-CCW Datasheet(HTML) 2 Page - ASM GmbH

  PRAS5-K-360-U2-CCW Datasheet HTML 1Page - ASM GmbH PRAS5-K-360-U2-CCW Datasheet HTML 2Page - ASM GmbH PRAS5-K-360-U2-CCW Datasheet HTML 3Page - ASM GmbH PRAS5-K-360-U2-CCW Datasheet HTML 4Page - ASM GmbH PRAS5-K-360-U2-CCW Datasheet HTML 5Page - ASM GmbH PRAS5-K-360-U2-CCW Datasheet HTML 6Page - ASM GmbH PRAS5-K-360-U2-CCW Datasheet HTML 7Page - ASM GmbH PRAS5-K-360-U2-CCW Datasheet HTML 8Page - ASM GmbH PRAS5-K-360-U2-CCW Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PRDS5
KAB-2M-M12/8F/G-LITZE
PRMAG ...
36
CAT-PR/PT-E-12
ASM
www.asm-sensor.com
POSIROT®
PRDS5
MagneticAngleEncoderwithSSIOutput
Magneticanglesensor0-360°inaflat
housingwith66mmresp.68.2mmdia.
●Measurementrange0-360°
●ProtectionclassIP67/IP69K,optionalIP68*
●Synchronousserialoutput(SSI)
●With10mmshaftornon-contact
●Magneticmeasurementprinciple
●Seawaterproof
●Suitableforuseonocean-goingvessels
* Depth and duration of immersion must be specified!
Specifications
Output
Synchronous serial (SSI)
Measurement range
0 to 360°
Resolution
12 bit (4096 steps) per revolution
Repeatability
±0.1° (typ.)
Linearity
±1°(typ.)
Rated distance sensor / magnet
Depending on the position magnet
Protection class
IP67/IP69K (connector output with IP69K connector cable);
IP68 - on request
Code characteristics
CW, CCW
Material
Stainless steel
Mounting
Screws M8
Shock
EN60068-2-27:1993, 100 g/11 ms, 100 shocks
Vibration
EN60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Life cycle of bearings (shaft version)
100 x 106 revolutions (<1500 r.p.m.)
Revolutions per minute (shaft version)
Max. 10,000 r.p.m.
Allowable shaft load
120 N radial, 120 N axial
OrderCodePRDS5 



Modelname
Shaft
V
= Shaft 10 mm
K
= Non-contact with external magnet
Output(see page 49)
RSSI5V
= Synchronous serial output with excitation 5 V DC
RSSI24V
= Synchronous serial output with excitation 10 ... 36 V DC
Codecharacteristics
CW
= Code increasing CW
CCW
= Code increasing CCW
Connection
M12A8/R8 = 8-pin socket M12 axial/radial
Housingmaterial
VA
= Stainless steel
Orderexample:PRDS5-K-RSSI24V-CW-M12R8-VA
Ordercodeconnectorcable (see accessories page 90)
Ordercodepositionmagnet(see accessories page 53/54)


Similar Part No. - PRAS5-K-360-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CCW ASM-SENSOR-PRAS5EX-K-15-L1-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CW ASM-SENSOR-PRAS5EX-K-15-L1-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CCW ASM-SENSOR-PRAS5EX-K-15-U2-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CW ASM-SENSOR-PRAS5EX-K-15-U2-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS5-K-360-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com