Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCST24-Z3-2000-U8-P1D Datasheet(PDF) 3 Page - ASM GmbH

Part # PCST24-Z3-2000-U8-P1D
Description  Rod-Style Design with Analog Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST24-Z3-2000-U8-P1D Datasheet(HTML) 3 Page - ASM GmbH

  PCST24-Z3-2000-U8-P1D Datasheet HTML 1Page - ASM GmbH PCST24-Z3-2000-U8-P1D Datasheet HTML 2Page - ASM GmbH PCST24-Z3-2000-U8-P1D Datasheet HTML 3Page - ASM GmbH PCST24-Z3-2000-U8-P1D Datasheet HTML 4Page - ASM GmbH PCST24-Z3-2000-U8-P1D Datasheet HTML 5Page - ASM GmbH PCST24-Z3-2000-U8-P1D Datasheet HTML 6Page - ASM GmbH PCST24-Z3-2000-U8-P1D Datasheet HTML 7Page - ASM GmbH PCST24-Z3-2000-U8-P1D Datasheet HTML 8Page - ASM GmbH PCST24-Z3-2000-U8-P1D Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
KAB-...M-M12/8F/G-LITZE
PCSTMAG...
PCST24
//
POSICHRON® rod-style position sensor
• Forhydrauliccylinders,fluidlevelmeasurement
• ProtectionclassuptoIP67/IP69K
• Measurementrange0...100to0...5750mm
• Absolutepositionmeasurement
• Contactless
• Replaceableelectronicswithoutleakage
• Synchronousserialinterface(SSI)
Specifications
Output
Synchronous serial interface (SSI)
Resolution
5, 10, 20, 50, 100 µm
Sampling rate
Up to 1 kHz, depending on the measurement range
Linearity
Ranges >500 mm: L10 = ±0.10 % f.s.
L02 = ±0.02 % f.s.
Ranges ≤500 mm: L10 = ±0.5 mm
L02MM = ±0.2 mm
Repeatability
±3 µm
Housing material
Sensor rod: stainless steel 1.4404, head: AlMgSi
Mounting
Thread M18x1,5 / thread ¾ inch
Working pressure of sensor rod
400 bar, other values on request
Protection class
IP67 (optional IP67/IP69K; connector version: with
mating connector only)
Shock
EN 60068-2-27:2010, 50 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Connection
8 pin socket M12, cable 2 m
EMC, temperature
Refer to output specification
Ordercodepositionmagnet(see page 9-13)
Orderexample:PCQA24-M18-2500-10-SSI/G/24-L10-M12
Ordercodematingconnectingcable(see page 20)
POSICHRON®
PCST24
Rod-Style Design with SSI Output
OrdercodePCST24
Modelname
Mounting
M18
= Thread M18 x 1,5
Z3/4
= Thread ¾ "-16UNF
Measurementrange(inmm)
100 ... 5750 (in 10 mm increments)
other lengths upon request
Resolution[inµm]
5 / 10 / 20 / 50 / 100
Output
SSI
= Synchronous serial interface
Code
G / D
= Gray / Dual
Numberofdatabits
24 / 25
Linearity
L02 / L02MM / L10 (for definition see "Specifications" above)
Connection
M12
= Connector M12, 8 pin
KAB2M
= KAB2M = Cable, standard length 2 m, other lengths upon request
DB-PCST24-E-2013-11
www.asm-sensor.com
3/21
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCST24-Z3-2000-U8-P1D

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-100-10V-D8 ASM-SENSOR-PCST21-100-10V-D8 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-100-10V-KAB3M ASM-SENSOR-PCST21-100-10V-KAB3M Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-1000-10V-D8 ASM-SENSOR-PCST21-1000-10V-D8 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-1000-10V-KAB3M ASM-SENSOR-PCST21-1000-10V-KAB3M Datasheet
271Kb / 8P
   Stick Design with Analog Output
More results

Similar Description - PCST24-Z3-2000-U8-P1D

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST27 ASM-SENSOR-PCST27 Datasheet
3Mb / 21P
   Rod-Style Design with Analog Output
PCST25 ASM-SENSOR-PCST25 Datasheet
3Mb / 19P
   Rod-Style Design with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
   Stick Design with Analog Output
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
   Advanced Analog Chip Design
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
logo
Banner Engineering Corp...
T30UX BANNER-T30UX Datasheet
583Kb / 11P
   T30UX Series with Analog Output
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
logo
Endress+Hauser Group Se...
CPS71D EH-CPS71D Datasheet
462Kb / 16P
   pH single-rod measuring cells, analog or with digital Memosens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com