Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRAS3EX-H-345-U2-CCW Datasheet(PDF) 3 Page - ASM GmbH

Part # PRAS3EX-H-345-U2-CCW
Description  Magnetic Angle Sensor with Analog Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS3EX-H-345-U2-CCW Datasheet(HTML) 3 Page - ASM GmbH

  PRAS3EX-H-345-U2-CCW Datasheet HTML 1Page - ASM GmbH PRAS3EX-H-345-U2-CCW Datasheet HTML 2Page - ASM GmbH PRAS3EX-H-345-U2-CCW Datasheet HTML 3Page - ASM GmbH PRAS3EX-H-345-U2-CCW Datasheet HTML 4Page - ASM GmbH PRAS3EX-H-345-U2-CCW Datasheet HTML 5Page - ASM GmbH PRAS3EX-H-345-U2-CCW Datasheet HTML 6Page - ASM GmbH PRAS3EX-H-345-U2-CCW Datasheet HTML 7Page - ASM GmbH PRAS3EX-H-345-U2-CCW Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
U2
U2B
U6
I1
I1B
M12A5 / M12R5
46
CAT-PR/PT-E-11
ASM
www.asm-sensor.com
U2; U2B
Voltage Output
0.5 ... 10 V
Excitation voltage
U2: 18 ... 36 V DC; U2B: 11.5 ... 27 V DC
Excitation current
12 mA typ., 16 mA max.
Output voltage
0.5 ... 10 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
U6/5; U6/8,25
Voltage Output
10 ... 90% ratiometr.
Excitation voltage
5V DC ±10 % / 8.25 V DC ±10 %
Excitation current
8 mA typ., 12 mA max.
Output voltage
10 ... 90 % of the excitation voltage
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
I1; I1B
Current Output
4 ... 20 mA, 3 wire
Excitation voltage
I1: 18 ... 36 V DC; I1B: 10 ... 18 V DC
Excitation current
32 mA typ., 36 mA max.
Load resistor
I1: 500 Ω max.; I1B: 250 Ω max.
Output current
4 ... 20 mA
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
Other outputs available on request.
POSIROT®
PRAS
Analog outputs U2(B), U6 and I1(B)
Output signals
Excitation +
GND
Signal +
Signal Wiring
Output signals
Connector pin
Cable color
Excitation +
1
brown
Signal
2
white
GND
3
blue
Do not connect!
4
black
Do not connect!
5
Connection
View to sensor
connector


Similar Part No. - PRAS3EX-H-345-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3 ASM-SENSOR-PRAS3 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
More results

Similar Description - PRAS3EX-H-345-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com