Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAM27-1-15-L1-CW Datasheet(PDF) 8 Page - ASM GmbH

Part # PTAM27-1-15-L1-CW
Description  Universal MEMS Inclination Sensor with Analog Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM27-1-15-L1-CW Datasheet(HTML) 8 Page - ASM GmbH

  PTAM27-1-15-L1-CW Datasheet HTML 1Page - ASM GmbH PTAM27-1-15-L1-CW Datasheet HTML 2Page - ASM GmbH PTAM27-1-15-L1-CW Datasheet HTML 3Page - ASM GmbH PTAM27-1-15-L1-CW Datasheet HTML 4Page - ASM GmbH PTAM27-1-15-L1-CW Datasheet HTML 5Page - ASM GmbH PTAM27-1-15-L1-CW Datasheet HTML 6Page - ASM GmbH PTAM27-1-15-L1-CW Datasheet HTML 7Page - ASM GmbH PTAM27-1-15-L1-CW Datasheet HTML 8Page - ASM GmbH PTAM27-1-15-L1-CW Datasheet HTML 9Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PTAM27/PTDM27
PTAM27/PTDM27
X
Y
POSITILT®
PTAM/PTDM
Characteristicofthelinearoutput
1 axis
2 axes
Outputsignal
Range [°]
– θ
x min
+ θ
x max
DB-PTAM27/PTDM27-E-2012-11/0.1.0
www.asm-sensor.com
8/9
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PTAM27-1-15-L1-CW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-0-M12A5 ASM-SENSOR-PTAM2-1-5-L1-0-M12A5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-0-M12R5 ASM-SENSOR-PTAM2-1-5-L1-0-M12R5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-1-M12A5 ASM-SENSOR-PTAM2-1-5-L1-1-M12A5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-1-M12R5 ASM-SENSOR-PTAM2-1-5-L1-1-M12R5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results

Similar Description - PTAM27-1-15-L1-CW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
PTAM5 ASM-SENSOR-PTAM5 Datasheet
2Mb / 10P
   Extremely robust Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
INX360D-F99-I2E2-V15-EX PF-INX360D-F99-I2E2-V15-EX Datasheet
1Mb / 5P
   Inclination sensor
INY360D-F99-2U2E2-V17 PF-INY360D-F99-2U2E2-V17 Datasheet
1Mb / 6P
   Inclination sensor
INY030D-F99-B16-V15 PF-INY030D-F99-B16-V15 Datasheet
904Kb / 5P
   Inclination sensor
INY360D-F99-2U2E2-5M PF-INY360D-F99-2U2E2-5M Datasheet
1Mb / 6P
   Inclination sensor
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
   MEMS motion sensor: 3-axis 2 g analog-output
logo
Pepperl+Fuchs Inc.
INY120D-F99-B20-V15 PF-INY120D-F99-B20-V15 Datasheet
1Mb / 5P
   Inclination sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com