Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAM5-1-180-U2-CCW Datasheet(PDF) 1 Page - ASM GmbH

Part # PTAM5-1-180-U2-CCW
Description  Extremely robust Inclination Sensor with Analog Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM5-1-180-U2-CCW Datasheet(HTML) 1 Page - ASM GmbH

  PTAM5-1-180-U2-CCW Datasheet HTML 1Page - ASM GmbH PTAM5-1-180-U2-CCW Datasheet HTML 2Page - ASM GmbH PTAM5-1-180-U2-CCW Datasheet HTML 3Page - ASM GmbH PTAM5-1-180-U2-CCW Datasheet HTML 4Page - ASM GmbH PTAM5-1-180-U2-CCW Datasheet HTML 5Page - ASM GmbH PTAM5-1-180-U2-CCW Datasheet HTML 6Page - ASM GmbH PTAM5-1-180-U2-CCW Datasheet HTML 7Page - ASM GmbH PTAM5-1-180-U2-CCW Datasheet HTML 8Page - ASM GmbH PTAM5-1-180-U2-CCW Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
KAB-...M-M12/4F/G-LITZE
PTAM5
POSITILT®
PTAM5
Extremely robust Inclination Sensor with Analog Output
Specifications
Output
U2
U8
I1
Voltage 0.5 ... 10 V
Voltage 0.5 ... 4.5 V
Current 4 ... 20 mA
Measurement range
±180° for 1 axis or ±60° for 2 axes
Resolution
0.05°
Linearity
±0.5 °
Settling time
0.1 s ... 10 s / 90 %, configurable
Protection class
IP67 / IP69K (connector output with IP69K connector
cable), optional IP68*
Material
Stainless steel
Mounting
Screws M8
Connection
5 pin connector M12 axial or radial
Shock (non-operational)
EN60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration (non-operational)
EN60068-2-6:20ß08, 20 g/10 Hz-2 kHz, 10 cycles
EMC, temperature
Refer to output specification
Analog Inclination Sensor with 1 or 2 axes
in MEMS technology
● Measurement range ±180° for 1 axis or ±60° for 2 axes
● Protection class IP67 / IP69K, optional IP68*
● Analog output linear
● Stainless steel housing
● Wear free, high resolution
● High shock resistance
● Seawater proof
● Suitable for use on ocean-going vessels
* Depth and duration of immersion must be specified!
Order code PTAM5
Model name
Axis of inclination
1
= Inclination in X axis (mounting X) ≤ ±180°
2
= Inclination in X and Y axis (mounting XY) ≤ ±60°
Measuring range [in °]
15 ... 180
= ±15°... ±180° in 15° increments
Output
U2
= 0.5 ... 10 V
U8
= 0.5 ... 4,5 V
I1
= 4 ... 20 mA
Characteristic
CW
= Increasing signal for CW inclination
CCW
= Increasing signal for CCW inclination
Output delay 0 ... 90 %
Tx.x
= 0.1 s ... 10 s
Connection
M12R5
= 5-pin socket M12, radial (compatible with 4 pin mating connector)
M12A5
= 5-pin socket M12, axial (compatible with 4 pin mating connector)
Housing material
VA
= Stainless steel
Order example: PTAM5 - 1 - 180 - I1 - CW - T1.0 - M12R5 - VA
Order code connector cable (see page 9)
DB-PTAM5/PTDM5-E-2014-05/0.1.0
www.asm-sensor.com
1/10
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PTAM5-1-180-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-0-M12A5 ASM-SENSOR-PTAM2-1-5-L1-0-M12A5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-0-M12R5 ASM-SENSOR-PTAM2-1-5-L1-0-M12R5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-1-M12A5 ASM-SENSOR-PTAM2-1-5-L1-1-M12A5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-1-M12R5 ASM-SENSOR-PTAM2-1-5-L1-1-M12R5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results

Similar Description - PTAM5-1-180-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
INX360D-F99-I2E2-V15-EX PF-INX360D-F99-I2E2-V15-EX Datasheet
1Mb / 5P
   Inclination sensor
INY360D-F99-2U2E2-V17 PF-INY360D-F99-2U2E2-V17 Datasheet
1Mb / 6P
   Inclination sensor
INY030D-F99-B16-V15 PF-INY030D-F99-B16-V15 Datasheet
904Kb / 5P
   Inclination sensor
INY360D-F99-2U2E2-5M PF-INY360D-F99-2U2E2-5M Datasheet
1Mb / 6P
   Inclination sensor
INY120D-F99-B20-V15 PF-INY120D-F99-B20-V15 Datasheet
1Mb / 5P
   Inclination sensor
INY160DH-F199-B16-2V15 PF-INY160DH-F199-B16-2V15 Datasheet
747Kb / 3P
   Inclination sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com