Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRAS5-K-360-U6-CW Datasheet(PDF) 9 Page - ASM GmbH

Part # PRAS5-K-360-U6-CW
Description  Magnetic Angle Sensor with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS5-K-360-U6-CW Datasheet(HTML) 9 Page - ASM GmbH

Back Button PRAS5-K-360-U6-CW Datasheet HTML 5Page - ASM GmbH PRAS5-K-360-U6-CW Datasheet HTML 6Page - ASM GmbH PRAS5-K-360-U6-CW Datasheet HTML 7Page - ASM GmbH PRAS5-K-360-U6-CW Datasheet HTML 8Page - ASM GmbH PRAS5-K-360-U6-CW Datasheet HTML 9Page - ASM GmbH PRAS5-K-360-U6-CW Datasheet HTML 10Page - ASM GmbH PRAS5-K-360-U6-CW Datasheet HTML 11Page - ASM GmbH PRAS5-K-360-U6-CW Datasheet HTML 12Page - ASM GmbH PRAS5-K-360-U6-CW Datasheet HTML 13Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
M12A8 / M12R8
ASM
CAT-PR/PT-E-12
49
www.asm-sensor.com
POSIROT®
PRDS
OutputRSSI5V/RSSI24V
RSSI5V/RSSI24V
Synchronous serial
Interface
EIA RS-422
Excitation voltage
RSSI5V: 5 V DC ±10 %; RSSI24V: 10 ... 36 V DC
Excitation current
100 mA max. without load
Clock frequency
100 kHz ... 1 MHz
Code
Single step Gray code 12 Bit
Resolution
12 Bit
Delay between pulse trains
20 µs min.
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.)
Operating temperature
-40 ... +85 °C
Protection
Short circuit
EMC
EN61326-1:2006
Dataformat
(Train of 13 pulses)
Recommended
processing
inputcircuit
Cablelength
Baudrate
50 m
100-1000 kHz
100 m
100-300 kHz
Note:
Extension of the cable length will reduce the ma-
ximum transmission rate. The signals CLOCK
/CLOCK and DATA/DATA must be connected
in a twisted pair cable, shielded per pair and
common.
Signalwiring
Signalname
Connectorpinno.
Cablecolor
Excitation +
1
white
Excitation GND
2
brown
CLOCK
3
green
CLOCK
4
yellow
DATA
5
grey
DATA
6
pink
View to sensor
connector
Connection
>16 µs
DATA
DATA
CLOCK
CLOCK


Similar Part No. - PRAS5-K-360-U6-CW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CCW ASM-SENSOR-PRAS5EX-K-15-L1-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CW ASM-SENSOR-PRAS5EX-K-15-L1-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CCW ASM-SENSOR-PRAS5EX-K-15-U2-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CW ASM-SENSOR-PRAS5EX-K-15-U2-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS5-K-360-U6-CW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com