Electronic Components Datasheet Search |
|
PCST27-M18-100-U2-P1A Datasheet(PDF) 3 Page - ASM GmbH |
|
PCST27-M18-100-U2-P1A Datasheet(HTML) 3 Page - ASM GmbH |
3 / 21 page PCSTMAG... PCST27 // POSICHRON® rod-style position sensor • Forhydrauliccylinders,fluidlevelmeasurement • ProtectionclassIP68/IP69K,underwatercapability • Pressure-proofupto15bar • Waterproofcableseal • Measurementrange0...100to0...5750mm • Absolutepositionmeasurement • Contactless • Seawaterproof •Synchronousserialinterface(SSI) Specifications Output Synchronous serial interface (SSI) Resolution 5, 10, 20, 50, 100 µm Sampling rate Up to 1 kHz, depending on the measurement range Linearity Ranges >500 mm: L10 = ±0.10 % f.s. L02 = ±0.02 % f.s. Ranges ≤500 mm: L10 = ±0.5 mm L02MM = ±0.2 mm Repeatability ±3 µm Housing material Stainless steel 1.4404 Mounting Thread M18x1,5 / thread ¾ inch Working pressure 400 bar, other values on request Protection class IP68/IP69K (permanent pressure-proof up to 15 bar) Shock EN 60068-2-27:2010, 50 g/11 ms, 100 shocks Vibration EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles Connection Cable 2 m EMC, temperature Refer to output specification Ordercodepositionmagnet(see page 9-13) Orderexample:PCST27-M18-1500-10-SSI/G/24-L02-KAB2M POSICHRON® PCST27 Rod-Style Design with SSI Output OrdercodePCST27 Modelname Mounting M18 = Thread M18 x 1,5 Z3/4 = Thread ¾ "-16UNF Measurementrange(inmm) 100 ... 5750 (in 10 mm increments) other lengths upon request Resolution[inµm] 5 / 10 / 20 / 50 / 100 Output SSI = Synchronous serial interface Code G / D = Gray / Dual Numberofdatabits 24 / 25 Linearity L02 / L02MM / L10 (for definition see "Specifications" above) Connection KAB2M = Cable, standard length 2 m, other lengths upon request DB-PCST27-E-2013-11/0.1.0 www.asm-sensor.com 3/21 © ASM GmbH info@asm-sensor.com |
Similar Part No. - PCST27-M18-100-U2-P1A |
|
Similar Description - PCST27-M18-100-U2-P1A |