Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76QR34704030J Datasheet(PDF) 1 Page - Kemet Corporation

Part # R76QR34704030J
Description  Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76QR34704030J Datasheet(HTML) 1 Page - Kemet Corporation

  R76QR34704030J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/05/2015 - e426d4c3-4a20-4e21-b588-6f9c6b8c26b8
KEMET Part Number: R76QR34704030J
Capacitor, film, 0.47 uF, +/-5% Tol, -55/+105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
32
+0.3
H
33
+0.1
T
18
+0.2
S
27.5
+/-0.4
LL
30
+5/-0
F
0.8
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Double Metallized Polypropylene
Application: General Purpose
Style: Radial Box
Lead Form: Wire Leads
RoHS: Yes
Specifications
Capacitance: 0.47 uF
Voltage: 1000 VDC
Tolerance: +/-5%
Voltage AC: 600 VAC
Rated Temperature: 85C
Temperature Range: -55/+105C
Dissipation Factor @ 1 kHz: 0.1%
Dissipation Factor @ 10 kHz: 0.06%
Dissipation Factor @ 100kHz: 0.1%
Insulation Resistance: 63.83 GOhm
Inductance: 18
Maximum dVdT: 1000 v/us
Miscellaneous:
Voltage Derating: 1.35%/C
above 75C (AC),1.25%/C above
85C (DC)
Packaging Specifications
Package Kind: Bulk
Package Quantity: 128
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R76QR34704030J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76QR347050H3J KEMET-R76QR347050H3J Datasheet
57Kb / 1P
   R76_125C, Film, Double Metallized Polypropylene, General Purpose, 0.47 uF, 5%, 1000 VDC, 105째C, Lead Spacing = 27.5mm
R76QR3470XX3XX KEMET-R76QR3470XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
More results

Similar Description - R76QR34704030J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76PR34704030J KEMET-R76PR34704030J Datasheet
56Kb / 1P
   Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=27.5 mm
R76TR34704030J KEMET-R76TR34704030J Datasheet
56Kb / 1P
   Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=27.5 mm
PHE450MF6470JR06L2 KEMET-PHE450MF6470JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=27.5 mm
PHE450KF6470JR06L2 KEMET-PHE450KF6470JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450MF6470JR06L2 KEMET-PHE450MF6470JR06L2_17 Datasheet
58Kb / 1P
   Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=27.5 mm
PHE450PF6220JR06L2 KEMET-PHE450PF6220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 0.22 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
R76QR31004040J KEMET-R76QR31004040J Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
R75QR41504000J KEMET-R75QR41504000J Datasheet
55Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
R75QR36804000J KEMET-R75QR36804000J Datasheet
56Kb / 1P
   Capacitor, film, 0.68 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
R75QR33304000J KEMET-R75QR33304000J Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com