Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCFP23-100-U8-PMU-L02-M8 Datasheet(PDF) 11 Page - ASM GmbH

Part # PCFP23-100-U8-PMU-L02-M8
Description  Flat Profile Housing with Analog Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP23-100-U8-PMU-L02-M8 Datasheet(HTML) 11 Page - ASM GmbH

Back Button PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 6Page - ASM GmbH PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 7Page - ASM GmbH PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 8Page - ASM GmbH PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 9Page - ASM GmbH PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 10Page - ASM GmbH PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 11Page - ASM GmbH PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 12Page - ASM GmbH PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 13Page - ASM GmbH PCFP23-100-U8-PMU-L02-M8 Datasheet HTML 14Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
POSICHRON®
Output Specification SSI
Description
The data transmission takes place by means of the two signals CLOCK and DATA. The pro-
cessing unit (PLC, microcomputer) sends pulse sequences which clock the data transmissi-
on at the required transfer rate. With the first falling edge of the pulse sequence the position
of the sensor is recorded and stored. The following rising edges control the bit-by-bit transfer
of the data word. After a delay time the next new position information can be transwithted.
Data format
(Train of 26 pulses)
Synchronous serial
interface SSI
Output
RS422
Excitation voltage
10 ... 36 V DC, residual ripple 10 mV
SS
Excitation current
Typ. 80 mA, 150 mA max.
Clock frequency
100 kHz ... 1 MHz
Code
Gray code, dual code
Resolution
≥ 5 µm
Delay between pulse trains
>25 µs
Stability (temperature)
±50 x 10-6 / °C f.s.
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
Sensor circuit
Subsequent circuit
Cable length
Baud rate
50 m
100-1000 kHz
100 m
100-300 kHz
Note:
Extension of the cable length will reduce the
maximum transmission rate.
The signals CLOCK/CLOCK and DATA/DATA
must be connected in a twisted pair cable,
common shielded.
CLOCK
CLOCK
DATA
DATA
Signal diagram
Error indication see page 10.
Signal wiring
Signal
Plug connection
Cable connection
View to sensor
connector
Excitation +
1
white
Excitation GND
2
brown
CLOCK
3
green
CLOCK
4
yellow
DATA
5
grey
DATA
6
pink
DB-PCFP23-E-2013-11
www.asm-sensor.com
11/14
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCFP23-100-U8-PMU-L02-M8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-100-10V-KAB3M ASM-SENSOR-PCFP21-100-10V-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-100-420T-KAB3M ASM-SENSOR-PCFP21-100-420T-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-1000-10V-KAB3M ASM-SENSOR-PCFP21-1000-10V-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-1000-420T-KAB3M ASM-SENSOR-PCFP21-1000-420T-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
More results

Similar Description - PCFP23-100-U8-PMU-L02-M8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com