Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB7038ADBPCYMUA Datasheet(PDF) 8 Page - Jewel Hill Electronic

Part # JHB7038ADBPCYMUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB7038ADBPCYMUA Datasheet(HTML) 8 Page - Jewel Hill Electronic

Back Button JHB7038ADBPCYMUA Datasheet HTML 4Page - Jewel Hill Electronic JHB7038ADBPCYMUA Datasheet HTML 5Page - Jewel Hill Electronic JHB7038ADBPCYMUA Datasheet HTML 6Page - Jewel Hill Electronic JHB7038ADBPCYMUA Datasheet HTML 7Page - Jewel Hill Electronic JHB7038ADBPCYMUA Datasheet HTML 8Page - Jewel Hill Electronic JHB7038ADBPCYMUA Datasheet HTML 9Page - Jewel Hill Electronic JHB7038ADBPCYMUA Datasheet HTML 10Page - Jewel Hill Electronic JHB7038ADBPCYMUA Datasheet HTML 11Page - Jewel Hill Electronic JHB7038ADBPCYMUA Datasheet HTML 12Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
JHB7038A
VER: 0.01
- 7 -
Issue date: 2013-08-01
JEWEL HILL ELECTRONIC CO.,LTD.
7.ELECTRICAL CHARACTERISTIC.
(1 )MAXIMUM RATINGS
Item
Symbol
Min
Max
Unit
Note
VDD - Vss
-0.5
8.0
V
Supply voltage
VOP
VDD-8.0
VDD
V
Input Voltage
VIN
VSS-0.8
8.0
V
Operating temperature
TOPR
0
+50
Storage temperature
TSTR
-10
+60
Humidity
---
---
90
%RH
(2) DC CHARACTERISTICS.
VDD=+5.0V±10%, Ta=0℃ to +50℃
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
-
4.8
5.0
5.2
V
Supply Current
IDD
VDD=5.0V
-
0.7
1.0
mA
Input Voltage
VIH
VDD=5.0V
0.7VDD
-
VDD
V
VOH
IOH=-0mA
VDD-0.05
-
VDD
V
Output voltage
VOL
IOL=0mA
-
0.05
V
LCD Driving Voltage
VOP
VOP=VDD-
VLCD
4.5
4.8
5.0
V
Back light Supply
Voltage
Vf
If=30mA
4.8
5.0
5.2
V
Back light Supply
Current
If
Vf=5.0V
-
30
40
mA


Similar Part No. - JHB7038ADBPCYMUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB7033A JHE-JHB7033A Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECAMUA JHE-JHB7033ABBECAMUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECANUA JHE-JHB7033ABBECANUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECAWUA JHE-JHB7033ABBECAWUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECBMUA JHE-JHB7033ABBECBMUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHB7038ADBPCYMUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com