Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX73222-95B Datasheet(PDF) 5 Page - Axiomtek Co., Ltd.

Part # EX73222-95B
Description  Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX73222-95B Datasheet(HTML) 5 Page - Axiomtek Co., Ltd.

  EX73222-95B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX73222-95B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX73222-95B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX73222-95B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX73222-95B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX73222-95B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EX73000 Series
www.EtherWAN.com
5
rev. A4
Ordering Information
Model
EX73400-00B
16-port 10/100BASE-TX Hardened Managed Ethernet Switch
EX73401-0YB
16-port 10/100BASE-TX + 1-port Gigabit Hardened Managed Ethernet Switch
EX73402-0YB
16-port 10/100BASE-TX + 2-port Gigabit Hardened Managed Ethernet Switch
EX73302-0YB
12-port 10/100BASE-TX + 2-port Gigabit Hardened Managed Ethernet Switch
EX73310-X0B
12-port 10/100BASE-TX + 1-port 100BASE-FX Hardened Managed Ethernet Switch
EX73311-XYB
12-port 10/100BASE-TX + 1-port 100BASE-FX + 1-port Gigabit Hardened Managed Ethernet Switch
EX73312-XYB
12-port 10/100BASE-TX + 1-port 100BASE-FX + 2-port Gigabit Hardened Managed Ethernet Switch
EX73320-X0B
12-port 10/100BASE-TX + 2-port 100BASE-FX Hardened Managed Ethernet Switch
EX73321-XYB
12-port 10/100BASE-TX + 2-port 100BASE-FX + 1-port Gigabit Hardened Managed Ethernet Switch
EX73322-XYB
12-port 10/100BASE-TX + 2-port 100BASE-FX + 2-port Gigabit Hardened Managed Ethernet Switch
EX73200-00B
8-port 10/100BASE-TX Hardened Managed Ethernet Switch
EX73201-0YB
8-port 10/100BASE-TX + 1-port Gigabit Hardened Managed Ethernet Switch
EX73202-0YB
8-port 10/100BASE-TX + 2-port Gigabit Hardened Managed Ethernet Switch
EX73210-X0B
8-port 10/100BASE-TX + 1-port 100BASE-FX Hardened Managed Ethernet Switch
EX73211-XYB
8-port 10/100BASE-TX + 1-port 100BASE-FX + 1-port Gigabit Hardened Managed Ethernet Switch
EX73212-XYB
8-port 10/100BASE-TX + 1-port 100BASE-FX + 2-port Gigabit Hardened Managed Ethernet Switch
EX73220-X0B
8-port 10/100BASE-TX + 2-port 100BASE-FX Hardened Managed Ethernet Switch
EX73221-XYB
8-port 10/100BASE-TX + 2-port 100BASE-FX + 1-port Gigabit Hardened Managed Ethernet Switch
EX73222-XYB
8-port 10/100BASE-TX + 2-port 100BASE-FX + 2-port Gigabit Hardened Managed Ethernet Switch
EX73240-X0B
8-port 10/100BASE-TX + 4-port 100BASE-FX Hardened Managed Ethernet Switch
EX73241-XYB
8-port 10/100BASE-TX + 4-port 100BASE-FX + 1-port Gigabit Hardened Managed Ethernet Switch
EX73242-XYB
8-port 10/100BASE-TX + 4-port 100BASE-FX + 2-port Gigabit Hardened Managed Ethernet Switch
* DIN-Rail mounting kit included
100FXFiberOptions(X)
1
Multi Mode (SC) - 2Km
2
Multi Mode (ST) - 2Km
6
Multi Mode (SC) WDM-TX:1310nm/RX:1550nm - 2Km
7
Multi Mode (SC) WDM-TX:1550nm/RX:1310nm - 2Km
8
Multi Mode (SC) WDM-TX:1310nm/RX:1550nm - 5Km
9
Multi Mode (SC) WDM-TX:1550nm/RX:1310nm - 5Km
A
Single Mode (SC) - 20Km
B
Single Mode (SC) - 40Km
H
Single Mode (ST) - 20Km
P
Single Mode (SC) WDM-TX:1310nm/RX:1550nm - 20Km
Q
Single Mode (SC) WDM-TX:1550nm/RX:1310nm - 20Km
R
Single Mode (SC) WDM-TX:1310nm/RX:1550nm - 40Km
S
Single Mode (SC) WDM-TX:1550nm/RX:1310nm - 40Km


Similar Part No. - EX73222-95B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX730 EXTECH-EX730 Datasheet
319Kb / 12P
   800 Amp Clamp Meters
More results

Similar Description - EX73222-95B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
   Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
   IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
   Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
   Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX63000 AXIOMTEK-EX63000 Datasheet
545Kb / 6P
   Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX78900 AXIOMTEK-EX78900 Datasheet
619Kb / 5P
   Hardened Managed 16-port Gigabit Ethernet Switch
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
   Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
ER58000 AXIOMTEK-ER58000 Datasheet
885Kb / 5P
   Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
   Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX77000 AXIOMTEK-EX77000 Datasheet
895Kb / 6P
   Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com