Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCRP21-5750-U2-P1D-L10 Datasheet(PDF) 3 Page - ASM GmbH

Part # PCRP21-5750-U2-P1D-L10
Description  Round Profile Housing with Analog Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCRP21-5750-U2-P1D-L10 Datasheet(HTML) 3 Page - ASM GmbH

  PCRP21-5750-U2-P1D-L10 Datasheet HTML 1Page - ASM GmbH PCRP21-5750-U2-P1D-L10 Datasheet HTML 2Page - ASM GmbH PCRP21-5750-U2-P1D-L10 Datasheet HTML 3Page - ASM GmbH PCRP21-5750-U2-P1D-L10 Datasheet HTML 4Page - ASM GmbH PCRP21-5750-U2-P1D-L10 Datasheet HTML 5Page - ASM GmbH PCRP21-5750-U2-P1D-L10 Datasheet HTML 6Page - ASM GmbH PCRP21-5750-U2-P1D-L10 Datasheet HTML 7Page - ASM GmbH PCRP21-5750-U2-P1D-L10 Datasheet HTML 8Page - ASM GmbH PCRP21-5750-U2-P1D-L10 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
/
/
PCRP21
/
/
PCMAG ...
PCRP21-BFS4
KAB-...M-M12/8F/G-LITZE
Specifications
Output
Synchronous serial interface (SSI)
Resolution
5, 10, 20, 50, 100 µm
Sampling rate
Up to 1 kHz, depending on the measurement range
Linearity
Ranges >500 mm: L10 = ±0.10 % f.s.
L02 = ±0.02 % f.s.
Ranges ≤500 mm: L10 = ±0.5 mm
L02MM = ±0.2 mm
Repeatability
±3 µm
Housing material
AlMgSi1 / Zn / V4A
Protection class
IP64 (with mating connector only)
Shock
EN 60068-2-27:2010, 50 g 11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Connection
Connector M12, 8 pin / cable 2m
EMC, temperature
Refer to output specification
POSICHRON® position sensor in round profile
• Protection class IP64
• Measurement range 0 ... 100 to 0 ... 5750 mm
• Absolute position measurement
• Wear- and maintenance-free
• Superior shock and vibration resistance
• Absolutely wear free and maintenance-free
• Synchronous serial interface (SSI)
Order code mating connecting cable (see page 14)
Order code position magnets (see page 7)
Order code mounting set (see page 7)
Order example: PCRP21 - 1000 - 5 - SSI/G/24 - L10 - M12
POSICHRON®
PCRP21
Round Profile Housing with SSI Output
Order Code PCRP21
Model name
Measurement range (in mm)
100 ... 5750 (in 10 mm increments)
other lengths upon request
Resolution (in µm)
5 / 10 / 20 / 50 / 100
Output
SSI
= Synchronous serial interface
Code
G / D
= Gray / Dual
Number of data bits
24 / 25
Linearity
L02 / L02MM / L10 (for definition see "Specifications" above)
Connection
M12
= Connector M12, 8 pin
KAB2M = Cable, standard length 2 m, other lengths upon request
DB-PCRP21-E-2013-11
www.asm-sensor.com
3/15
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCRP21-5750-U2-P1D-L10

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PCRP-44-G12-12-C-R1-M-T18 FESTO-PCRP-44-G12-12-C-R1-M-T18 Datasheet
89Kb / 2P
   Compressed air filter regulator
2/27/22
PCRP-44-G12-12-E-R1-M-T18 FESTO-PCRP-44-G12-12-E-R1-M-T18 Datasheet
89Kb / 2P
   Compressed air filter regulator
2/27/22
PCRP-44-G12-12-E-R1-M-T19 FESTO-PCRP-44-G12-12-E-R1-M-T19 Datasheet
89Kb / 2P
   Compressed air filter regulator
2/27/22
PCRP-44-G14-12-C-R1-M-T18 FESTO-PCRP-44-G14-12-C-R1-M-T18 Datasheet
87Kb / 2P
   Compressed air filter regulator
2/27/22
PCRP-44-G14-12-E-R1-M-T18 FESTO-PCRP-44-G14-12-E-R1-M-T18 Datasheet
87Kb / 2P
   Compressed air filter regulator
2/27/22
More results

Similar Description - PCRP21-5750-U2-P1D-L10

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com