Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCFP23-1000-U1-P1D-L02-M8 Datasheet(PDF) 5 Page - ASM GmbH

Part # PCFP23-1000-U1-P1D-L02-M8
Description  Flat Profile Housing with Analog Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP23-1000-U1-P1D-L02-M8 Datasheet(HTML) 5 Page - ASM GmbH

  PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 1Page - ASM GmbH PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 2Page - ASM GmbH PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 3Page - ASM GmbH PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 4Page - ASM GmbH PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 5Page - ASM GmbH PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 6Page - ASM GmbH PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 7Page - ASM GmbH PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 8Page - ASM GmbH PCFP23-1000-U1-P1D-L02-M8 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
80 [3.150]
Messlänge (z.B. 100 [3.937])
70 [2.756]
52 [2.047]
64 [2.520]
Gesamtlänge A = Messlänge + 150 [5.906] (z.B. 250 [9.843])
10,2 [0.402]
8,5 [0.335]
Anfangsposition
PCMAG5
Endposition
PCMAG5
Befestigungssatz PCFP23-BFS1
26 [1.024]
39 [1.535]
8,6 [0.339]
12 [ 0.472]
80 [3.150]
Messlänge (z.B. 100 [3.937])
70 [2.756]
Gesamtlänge A = Messlänge + 150 [5.906] (z.B. 250 [9.843])
52 [2.047]
64 [2.520]
26 [1.024]
39 [1.535]
10,2 [0.402]
Anfangsposition
PCMAG5
Endposition
PCMAG5
Befestigungssatz PCFP23-BFS1
11,25 [0.443]
9 [0.354]
± 12 [0.472]
POSICHRON®
PCFP23
Flat Profile Housing
Start position
PCMAG5
Mounting set PCFP23-BFS1
End position
PCMAG5
Total length A = measurement length + 150 [5.906] (e.g. 250 [9.843])
Measurement length
(e.g. 100 [3.937])
Measurement length
(e.g. 100 [3.937])
Mounting set PCFP23-BFS1
Start position
PCMAG5
End position
PCMAG5
Total length A = measurement length + 150 [5.906] (e.g. 250 [9.843])
Connector M8
Cable output
Cable: outer diameter 5.2 mm ±0.2 mm, wire: cross sectional area 0.25 mm²
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
DB-PCFP23-E-2013-11
www.asm-sensor.com
5/14
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCFP23-1000-U1-P1D-L02-M8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-100-10V-KAB3M ASM-SENSOR-PCFP21-100-10V-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-100-420T-KAB3M ASM-SENSOR-PCFP21-100-420T-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-1000-10V-KAB3M ASM-SENSOR-PCFP21-1000-10V-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-1000-420T-KAB3M ASM-SENSOR-PCFP21-1000-420T-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
More results

Similar Description - PCFP23-1000-U1-P1D-L02-M8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com