Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCQA24-100-U2-P1D-L02 Datasheet(PDF) 6 Page - ASM GmbH

Part # PCQA24-100-U2-P1D-L02
Description  Square Profile Housing with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCQA24-100-U2-P1D-L02 Datasheet(HTML) 6 Page - ASM GmbH

Back Button PCQA24-100-U2-P1D-L02 Datasheet HTML 2Page - ASM GmbH PCQA24-100-U2-P1D-L02 Datasheet HTML 3Page - ASM GmbH PCQA24-100-U2-P1D-L02 Datasheet HTML 4Page - ASM GmbH PCQA24-100-U2-P1D-L02 Datasheet HTML 5Page - ASM GmbH PCQA24-100-U2-P1D-L02 Datasheet HTML 6Page - ASM GmbH PCQA24-100-U2-P1D-L02 Datasheet HTML 7Page - ASM GmbH PCQA24-100-U2-P1D-L02 Datasheet HTML 8Page - ASM GmbH PCQA24-100-U2-P1D-L02 Datasheet HTML 9Page - ASM GmbH PCQA24-100-U2-P1D-L02 Datasheet HTML 10Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
With magnet PCMAG3
POSICHRON®
PCQA24
Square Profile Housing
Status
Änderungen
Datum
Name
Datum
Name
Gezeichnet
Kontrolliert
Norm
AS M
AUTOMATION
SENSORIK
MESSTECHNIK
ASM GmbH
Am Bleichbach 18-22
D-85452 Moosinning
Tel.: 08123/986-0
Allgemeintoleranzen
Maßstab
BMC:
Benennung
Werkstoff, Halbzeug
CT:
Zeichnungsnummer / Datei
Blatt
Nicht bemaßte
Werkstückkanten
DIN 6784
-0,1
-0,2
+0,1
+0,2
121404_PCQA24-(100-5750)-M12-PCQA
BFS1+PCMAG3_002_AMZ.idw
22.04.2008
waneck
1
A4
ISO
1:1
general drawing
2768-mH
PCQA24 + Zubehör
Zeichnung ist Eigentum der Firma ASM, Vervielfältigung nur mit Genehmigung
Schutzvermerk nach DIN 34 beachten © Copyright by ASM GmbH
85 [3.348]
70 [2.757]
46 [1.811]
58 [2.283]
PCMAG3
PCMAG3
15,95 [0.628]
dimensions in mm [inch]
28,3 [1.11]
measurement length (e.g. 100 [3.937])
total length A = measurement length + 155 [6.102] (e.g. 255[10.041])
28,3 [1.11]
start position
end position
PCQA-BFS1
mounting set
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
DB-PCQA24-E-2013-11
www.asm-sensor.com
6/16
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCQA24-100-U2-P1D-L02

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-10V-D8 ASM-SENSOR-PCQA21-100-10V-D8 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-10V-KAB3M ASM-SENSOR-PCQA21-100-10V-KAB3M Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-420T-D8 ASM-SENSOR-PCQA21-100-420T-D8 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-420T-KAB3M ASM-SENSOR-PCQA21-100-420T-KAB3M Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
More results

Similar Description - PCQA24-100-U2-P1D-L02

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com