Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCQA22-100-U2-P1A-L02 Datasheet(PDF) 7 Page - ASM GmbH

Part # PCQA22-100-U2-P1A-L02
Description  Square Profile Housing with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCQA22-100-U2-P1A-L02 Datasheet(HTML) 7 Page - ASM GmbH

Back Button PCQA22-100-U2-P1A-L02 Datasheet HTML 3Page - ASM GmbH PCQA22-100-U2-P1A-L02 Datasheet HTML 4Page - ASM GmbH PCQA22-100-U2-P1A-L02 Datasheet HTML 5Page - ASM GmbH PCQA22-100-U2-P1A-L02 Datasheet HTML 6Page - ASM GmbH PCQA22-100-U2-P1A-L02 Datasheet HTML 7Page - ASM GmbH PCQA22-100-U2-P1A-L02 Datasheet HTML 8Page - ASM GmbH PCQA22-100-U2-P1A-L02 Datasheet HTML 9Page - ASM GmbH PCQA22-100-U2-P1A-L02 Datasheet HTML 10Page - ASM GmbH PCQA22-100-U2-P1A-L02 Datasheet HTML 11Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
58
46
35 [1.378]
26,6 [1.047]
25 [.984]
Ø
55 [2.165]
25 [.984]
20 [.787]
2 [.079]
4x R2,75 [.108]
POSICHRON®
PCQA
Mounting Sets
Mounting set
PCQA-BFS1 with
mounting clamps
Option -BFW
Mounting brackets
for PCQA22 and
PCQA24
Note:
The option -BFW can only be ordered with a new sensor, not separately!
Applicable for sensor lengths up to 1000 mm.
Isolation strip
Mounting clamp P
Isolation
sleeve
Dimensions informative only.
For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Order example: PCQA24 - 1000 - U2 - P1A - L10 - M12 - BFW
DB-PCQA22-E-2015-05
www.asm-sensor.com
7/16
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCQA22-100-U2-P1A-L02

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-10V-D8 ASM-SENSOR-PCQA21-100-10V-D8 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-10V-KAB3M ASM-SENSOR-PCQA21-100-10V-KAB3M Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-420T-D8 ASM-SENSOR-PCQA21-100-420T-D8 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-420T-KAB3M ASM-SENSOR-PCQA21-100-420T-KAB3M Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
More results

Similar Description - PCQA22-100-U2-P1A-L02

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com