Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB320240CSGTEGMUA Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JHB320240CSGTEGMUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB320240CSGTEGMUA Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JHB320240CSGTEGMUA Datasheet HTML 1Page - Jewel Hill Electronic JHB320240CSGTEGMUA Datasheet HTML 2Page - Jewel Hill Electronic JHB320240CSGTEGMUA Datasheet HTML 3Page - Jewel Hill Electronic JHB320240CSGTEGMUA Datasheet HTML 4Page - Jewel Hill Electronic JHB320240CSGTEGMUA Datasheet HTML 5Page - Jewel Hill Electronic JHB320240CSGTEGMUA Datasheet HTML 6Page - Jewel Hill Electronic JHB320240CSGTEGMUA Datasheet HTML 7Page - Jewel Hill Electronic JHB320240CSGTEGMUA Datasheet HTML 8Page - Jewel Hill Electronic JHB320240CSGTEGMUA Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
JHB320240C
VER: 2.01
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION
The JHB320240C is a 320 x 240 Dots Graphics LCD module. It has a STN panel composed of 320
segments and 240 commons. The LCM can be easily accessed by microcontroller via parallel
interface.
2. FEATURES
Transmissive and Negative
Display Mode
STN(BLUE) module
Display Format
Graphic 320 x 240 dots
Input Data
Parallel data input from MPU
Multiplexing Ratio 1/240 Duty
Bias
1/16 Bias
Viewing Direction 6 O’clock
Backlight
LED(WHITE)
3. MECHANICAL SPECIFICATION
Item
Specifications
Unit
Dimensional outline
160.0 x 109.0 x11.0(max)
mm
Resolution
320segs x 240coms
dots
View area
122.0(W) x 92.0(H)
mm
Active area
115.17(W) x 86.37(H)
mm
Dots pitch
0.36 (W)×0.36(H)
mm
Dots size
0.33(W)×0.33(H)
mm


Similar Part No. - JHB320240CSGTEGMUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB320240A JHE-JHB320240A Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
JHB320240ASBECAMUA JHE-JHB320240ASBECAMUA Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
JHB320240ASBECANUA JHE-JHB320240ASBECANUA Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
JHB320240ASBECBMUA JHE-JHB320240ASBECBMUA Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
JHB320240ASBECBNUA JHE-JHB320240ASBECBNUA Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHB320240CSGTEGMUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com