Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB2004FTYPEYMUA Datasheet(PDF) 3 Page - Jewel Hill Electronic

Part # JHB2004FTYPEYMUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB2004FTYPEYMUA Datasheet(HTML) 3 Page - Jewel Hill Electronic

  JHB2004FTYPEYMUA Datasheet HTML 1Page - Jewel Hill Electronic JHB2004FTYPEYMUA Datasheet HTML 2Page - Jewel Hill Electronic JHB2004FTYPEYMUA Datasheet HTML 3Page - Jewel Hill Electronic JHB2004FTYPEYMUA Datasheet HTML 4Page - Jewel Hill Electronic JHB2004FTYPEYMUA Datasheet HTML 5Page - Jewel Hill Electronic JHB2004FTYPEYMUA Datasheet HTML 6Page - Jewel Hill Electronic JHB2004FTYPEYMUA Datasheet HTML 7Page - Jewel Hill Electronic JHB2004FTYPEYMUA Datasheet HTML 8Page - Jewel Hill Electronic JHB2004FTYPEYMUA Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
JHB2004F
VER: 1.01
- 2 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
LCM Number System
VERSION NUMBER: V00~V99
T: NEGATIVE TRANSMISSIVE;
F: FSTN;
JH B 20 04 F S Y E L Y W D A -V00 -SC
SPECIAL CODE: P: PIN;C:CONNECT; F:CABLE; H: HEAT SEAL; O: OTHER;TP:WITH TP........
IC TYPE:
VIEWING DIRECTION:
TEMPERATURE RANGE:
BACKLIGHT TYPE:
SERIAL NUMBER: A~Z
GRAPHIC MODULEs: NUMBER OF COMMONs
GRAPHIC MODULEs:NUMBER OF SEGMENTs
B: COB & SMT LCM; T: TAB LCM; G: COG LCM;
BACKLIGHT COLOR:
CHARACTER MODULEs:
CHARACTER MODULEs: NUMBER OF LINE
E: EL; L: LED;
C: CCFL;
N: NONE;
O: OTHER
LCD POLARIZER TYPE:
R: POSITIVE REFLECTIVE;
P: POSITIVE TRANSMISSIVE;
E: POSITIVE TRANSFLECTIVE;
M: NEGATIVE TRANSFLECTIVE
A: AMBER;
B: BLUE; Y: YELLOW-GREEN;
G: GREEN;
R: RED;
W: WHITE; T: DOUBLE LED BACKLIGHT;
N: NORMAL TEMPERATURE RANGE
U: UPPER(12:00); D: DOWN(6:00)
L: LEFT(9:00);
R: RIGHT(3:00); O: OTHER
A:IC WITH CONTROLLER
B:IC WITHOUT CONTROLLER
O: OTHER TYPE
W: BLACK-WHITE; O: OTHER;
G: GRAY;
Y:YELLOW-GREEN; B: BLUE;
LCD COLOR MODE:
N: TN; H: HTN; S: STN;
LCD TYPE:
S: SUPER WIDE TEMPERATURE RANGE
W: WIDE TEMPERATURE RANGE
M: MIDDLE TEMPERATURE RANGE
JEWEL HILL ELECTRONIC CO.,LTD.
H: HEAT SEAL+LCD(NO IC) LCM; P: FPC+LCD(NO IC) LCM;
L: BACKLIGHT+LCD(NO IC) LCM; C: COF LCM; O: OTHER;
D: DSTN; P: DFSTN;
T: FSC(TN COLOUR); B: BLACK-MARSK. V: VA-BLACK(EBT);O: OTHER;
E: TWO COLOUR LED BACKLIGHT; N: THREE COLOUR LED BACKLIGHT; O: OTHER COLOR;
LCM TYPE:


Similar Part No. - JHB2004FTYPEYMUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB2004A JHE-JHB2004A Datasheet
518Kb / 23P
   The JHB2004A is a 20C x 4L Character LCD module. It has a STN panel composed of 200 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB2004C JHE-JHB2004C Datasheet
614Kb / 28P
   The JHB2004C is a 20C x 4L Character LCD module. It has a STN panel composed of 200 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel and serise interface.
JHB2004D JHE-JHB2004D Datasheet
520Kb / 23P
   The JHB2004D is a 20C x 4L Character LCD module. It has a STN panel composed of 200 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel and serise interface.
More results

Similar Description - JHB2004FTYPEYMUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com