Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCFP21-4000-10V-KAB3M Datasheet(PDF) 7 Page - ASM GmbH

Part # PCFP21-4000-10V-KAB3M
Description  Position Sensor Flat Housing with Analog Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP21-4000-10V-KAB3M Datasheet(HTML) 7 Page - ASM GmbH

  PCFP21-4000-10V-KAB3M Datasheet HTML 1Page - ASM GmbH PCFP21-4000-10V-KAB3M Datasheet HTML 2Page - ASM GmbH PCFP21-4000-10V-KAB3M Datasheet HTML 3Page - ASM GmbH PCFP21-4000-10V-KAB3M Datasheet HTML 4Page - ASM GmbH PCFP21-4000-10V-KAB3M Datasheet HTML 5Page - ASM GmbH PCFP21-4000-10V-KAB3M Datasheet HTML 6Page - ASM GmbH PCFP21-4000-10V-KAB3M Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ASM GmbH
CAT-PC-E-04
57
Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com
POSICHRON
®
Output Specification SSI
SSI
(synchronous serial)
Output
EIA RS-422, RS-485, short-circuit proof
Excitation Voltage
+12 … +27 V DC, residual ripple 10 mVss
Excitation Current
150 mA max. without load
Clock Frequency
100 kHz ... 1 MHz
Code
Gray 24 bit, continuous progression
Resolution
2 µm max.
Delay between Pulse Trains
>25 µs
Stability (Temperature)
±20 x 10
-6 / °C full scale
Operation Temperature
-40 ... +85 °C
Immunity to Interference (EMC)
According to EN50082-2, EN50081-1
Data Format
(Train of 26 pulses)
The data transmission takes place by means of the two signals CLOCK and DATA. The
processing unit (PLC, Microcomputer) sends pulse sequences which clocks the data
transmission at the required transfer rate. With the first falling edge of the pulse sequence
the position of the sensor is recorded and stored. The following rising edges control the
bit-by-bit transmission of the data word. After a delay time the next new position information
will be transmitted.
Description
Signal diagram
Sensor circuit
Cable
Subsequent circuit
DATA
DATA
CLOCK
CLOCK
Note:
Extension of the cable length will reduce the
maximum transmission rate.
The signals CLOCK/CLOCK and DATA/DATA
must be connected in a twisted pair cable,
shielded per pair and common.
Cable length
Baud rate
50 m
100 … 1000 kHz
100 m
100 … 300 kHz
Signal Wiring /
Connection
Signal name
Connector pin no.
Cable colour
Excitation +
1
white
Excitation GND (0V)
2
brown
CLOCK
3
green
CLOCK
4
yellow
DATA
5
grey
DATA
6
pink
View to sensor
connector
WS-CONN-D8
CONN-M12-8P-X


Similar Part No. - PCFP21-4000-10V-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23-100-L1-P1A-L02-M8 ASM-SENSOR-PCFP23-100-L1-P1A-L02-M8 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23-100-L1-P1D-L02-M8 ASM-SENSOR-PCFP23-100-L1-P1D-L02-M8 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23-100-L1-PMU-L02-M8 ASM-SENSOR-PCFP23-100-L1-PMU-L02-M8 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23-100-U1-P1A-L02-M8 ASM-SENSOR-PCFP23-100-U1-P1A-L02-M8 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
More results

Similar Description - PCFP21-4000-10V-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
   High accuracy analog output dual axis position sensor
Version 2.0
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
logo
Standex Electronics, In...
S12H-275VPA-RGCB2 STANDEX-S12H-275VPA-RGCB2 Datasheet
475Kb / 3P
   Analog Ferrous Metal Position Sensor
Rev ABA
logo
ASM GmbH
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com