Electronic Components Datasheet Search |
|
EX87424-90RT Datasheet(PDF) 3 Page - Axiomtek Co., Ltd. |
|
EX87424-90RT Datasheet(HTML) 3 Page - Axiomtek Co., Ltd. |
3 / 6 page EX87000 Series www.EtherWAN.com 3 rev. A5 Hardware Specifications Technology Standards •IEEE802.3 10BASE-T •IEEE802.3u 100BASE-TX/100BASE-FX •IEEE802.3ab 1000BASE-T •IEEE802.3z 1000BASE-SX/1000BASE-LX •IEEE802.3x Full duplex and flow control •IEEE802.1p QoS •IEEE802.1Q Tag VLANs •IEEE802.1w RSTP •IEEE802.1x Port-based Network Access Control ForwardandFilteringRate •14,880pps for 10Mbps •148,810pps for 100Mbps •1,488,100pps for 1000Mbps PacketBufferMemory •3M bits ProcessingType •Store-and-Forward •Auto-Negotiation •Half-duplex back-pressure and IEEE802.3x full-duplex flow control •Auto MDI/MDIX AddressTableSize •8192 MAC addresses Power Input •(T): + / - 48VDC (36 - 75VDC) Internal Universal PSU •(W): 88 - 370VDC and 90 - 264VAC Internal Universal PSU •(C): 90 - 264VAC, 50 - 60Hz Internal Universal PSU PowerConsumption •42.7W Max. Mechanical Casing •Metal Case •IP30 Dimensions •Single Power: 442mm (W) x 284mm (D) x 44.2mm (H); 17.4" (W) x 11.1" (D) x 1.74" (H) •Redundant Power: 442mm (W) x 375mm (D) x 44.2mm (H); 17.4"(W) x 14.7" (D) x 1.74"(H) Weight •Single Power: 5.1Kg (11.2lbs.) •Redundant Power: 6.2Kg (13.7lbs.) Installation •Rack mounting Interface EthernetPort •10/100BASE-TX: 24, 16, 8 or 0 port •100BASE-FX: 0, 4, 8, 12, 16, 20 or 24 ports •Gigabit: 0, 2 or 4 ports ConsolePort •Port: One DB9 RS-232 port LEDIndicators •Per Unit: Power •Per Port: Link/Activity (Green) •Per SFP slot: Selected (Green) Environment OperatingTemperature •-40°C to 75°C (-40°F to 167°F) Tested @ -40°C to 85°C (-40°F to 185°F) StorageTemperature •-45°C to 85°C (-49°F to 185°F) AmbientRelativeHumidity •5% to 95% (non-condensing) RegulatoryApprovals ISO •Manufactured in an ISO9001 facility EMI FCCPart15B,ClassA EN61000-6-4 EMS EN61000-6-2 •EN61000-4-2 (ESD Standards) •EN61000-4-3 (Radiated RFI Standards) •EN61000-4-4 (Burst Standards) •EN61000-4-5 (Surge Standards) •EN61000-4-6 (Induced RFI Standards) •EN61000-4-8 (Magnetic Field Standards) •IEC61000-4-10 (Oscillatory wave magnetic field test) •IEC61000-4-16 (Power frequency immunity test) •IEC61000-4-18 (Oscillatory wave immunity test) EnvironmentalTestCompliance IEC60068-2-6Fc(VibrationResistance) IEC60068-2-27Ea(Shock) FEDSTD101CMethod5007.1(Freefallw/package) IndustrialCompliance IEC61850-3/IEEE1613 EN50121-4 IEC60870-2-1 |
Similar Part No. - EX87424-90RT |
|
Similar Description - EX87424-90RT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |